Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD06 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LD06
Description  Using QCLs for Studying Exceptional Point Singularities
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD06 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LD06 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Case Study CS-LD06 Rev. A
Page 2
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
The effects of EPs can naturally be seen in many
applications
in
physical
problems:
mechanics,
electromagnetism, atomic and molecular physics, quantum
phase transitions, quantum chaos, and much more.2 In the
last few years, researchers have been focusing on and
making significant progress in the field of optics, both in the
theoretical realm as well as in experimental applications.
Optics, as of now, is one of the most practical venues of
exploration to further the understanding of exceptional point
physics. EPs promise to advance highly sensitive sensor
applications, but as an emerging field, much still needs to
be discovered about these optical phenomena. The study of
EPs will provide behavioral details and advance theoretical
understanding.
PROBLEMS AND GOALS
To study exceptional points, a few systems can be
constructed. Previously, researchers have explored coupled
photonic crystal nanolasers with asymmetric optical gains
Figure 1. The concept of the coupling in dual section DFB QCLs. (a) Schematic of a dual section DFB QCL with quarter
wave shift (QWS) defect in each section. The electrically driven section is labeled as active section. (b) Finite element
simulation of the thermal distribution along the laser performed by COMSOL Multiphysics, when driving one section of
device. The color code in the 3D view of device represents the temperature difference to the substrate. (c) The line cut of
the temperature difference along the laser ridge for different injection current densities in the laser. (d) Top: the schematic
showing the two cavities: the DFB grating cavity with a QWS defect on left side and the FP cavity made by the laser facet
reflector (r
1) and reflection from the DFB grating (r2) on the other side. Bottom: the schematic of the field intensity for the
QWS mode and the closest FP modes to that, that fall in the stop-band of the grating spectrum. The intensity plots are
shifted vertically to show their energy difference. (e)–(g) Illustration of the real part (frequency) and the imaginary part
(losses) of the eigenmodes of the Hamiltonian, consisting of a single DFB mode coupled to multiple FP modes. From left
to right, depending on the value of Ω/Δg', system undergoes weak coupling regime (mode repulsion in imaginary part),
exceptional point (coalescence of the modes in both real and imaginary part), and strong coupling (repulsion of the modes
in real part of eigenvalues, similar to strong coupling in Hermitian systems).1
and losses leading to phase transition of lasing modes
at the EP singularity. Others have investigated coupled
micrometer-sided
cavities,
also
with
asymmetric
gain and loss, that feature controlling intercavity
coupling strength.1 While these method do work for
expounding the understanding of EPs and the features
they introduce to the vicinity around them, they can
still prove to be quite challenging and precise, and
calculated setup is need. A more simple and practical
approach is needed to access these physical EPs
to investigate the phase transitions around them.1
As previously discussed, lasers can be a practical method
for studying these spectral singularities. Within coupled
laser cavities, EPs can lead to either pump-induced or
loss-induced revival of lasing. This is where the gain
and loss come into play surrounding the EP singularity.
Phase transition and self-pulsation effects can be further
researched by using lasers, specifically multi-section
distributed feedback (DFB) lasers.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com