Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD06 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LD06
Description  Using QCLs for Studying Exceptional Point Singularities
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD06 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LD06 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Case Study CS-LD06 Rev. A
Page 3
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
METHOD
Researchers from the Institute for Quantum Electronics,
ETH Zürich, Switzerland have developed two dual section
DFB quantum cascade lasers (QCLs) with the ability to
operate at different coupling regimes. The concept of the
coupling in the dual section DFB QCLs can be seen in
Figure 1. In both of these QCLs, different coupling regimes
are demonstrated through the Fabry-Perot (FP) modes
and the quarter wave shift (QWS) DFB mode allowing
interpretation through a non-Hermitian dynamics model for
EP exploration.1 The two sections of the laser are designed
to emit at different wavelengths: 4.3 µm and 4.6 µm. There
is also an etched top layer that allows for electrical isolation,
so each section can be independently driven or pumped.
Only one section is pumped at a time, making one section
"active" and the other "passive." Each device has slightly
different positions for the QWS defect from the FP cavity.
The design parameters, such as the physical distance
of the QWS defect from the FP cavity, and the electrical
parameters, such as the injection current, can be adjusted
to change the coupling strength in the designed DFB
QCLs. Different injection current densities determine the
temperature difference along the laser ridge line as seen in
Figure 1c.
Figure 2. Strong coupling of FP modes to the QWS DFB modes. (a) The intensity profile of the QWS mode and its
closest FP modes extracted from TMM simulations for a 4 mm long dual section DFB QCL (device 1), where the QWS on is
positioned at the middle of the driven section and the grating refractive contrast was estimated to be Δn/n ≈ 0.5% from the
width of the DFB stop-band. The position of the QWS defect in the grating and length of the device allows relatively large
overlap of the mode profiles. (b) The measured sub-threshold spectral map of the device. The QWS mode is distinguished
by the highest intensity mode in the middle of photonic gap, and anti-crosses with FP modes. (c) Spectral map of the
device at driving currents above threshold. The QWS lasing mode turn on and off multiple times, and there is a clear
energy gap between each turning off point (marked by dashed lines) and the consequent turning on point. The integrated
optical intensity of the QWS mode is plotted in red.1
The eigenmodes are a key piece in
Figure 1e-g as the
coupling changes from the weak regime to the exceptional
point and finally to the strong regime. The critical portion
of the illustration of the EP is where the real and imaginary
part of the eigenmodes of the Hamiltonian coalesce. This
marks the boundary between the weak and strong coupled
regime.
Here, researchers operate the two devices at different
regime of coupling to show the effects of the EPs. The
results are shown in the next section to exhibit how the
laser dynamics can be strongly modified by the strength
of the interaction of modes and the existence of the EP
degeneracy.1
RESULTS
The two devices, a 4 mm QCL and a 5 mm QCL, had
slightly different physical parameters. Device 1 (
Figure 2)
utilized the QWS defect location in the middle of the front
and back sections, while Device 2 (
Figure 3 & Figure 4)
utilized the QWS defect location shifted closer to the facets,
offset from the middle, as well as slight changes in the
grating refractive contrast. This physical change, as well as
with varying injection current, determine how the complex
eigenvalues move closer to the EP.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com