Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD06 Datasheet(PDF) 6 Page - Wavelength Electronics, Inc.

Part # CS-LD06
Description  Using QCLs for Studying Exceptional Point Singularities
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD06 Datasheet(HTML) 6 Page - Wavelength Electronics, Inc.

  CS-LD06 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Case Study CS-LD06 Rev. A
Page 6
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Exceptional point, EP, singularity, distributed feedback,
DFB, laser, quantum cascade laser, QCL, degeneracy,
dual section, eigenvalue, eigenvector, matrix, laser driver
PRODUCTS USED
QCL2000 OEM
REVISION HISTORY
Document Number: CS-LD06
REVISION
DATE
NOTES
A
November 2022
Initial Release
REFERENCES
1. Shahmohammadi, M., Suess, M. J., et. al.:
Exceptional point singularities in multi-section DFB
lasers, New J. Phys.
24 053047 (2022). https://doi.
org/10.1088/1367-2630/ac6d6f
2. Heiss,
W.
D.:
The
physics
of
exceptional
points,
Journal
of
Physics
A:
Mathematical
and Theoretical
45 444016 (2012). https://doi.
org/10.1088/1751-8113/45/44/444016
USEFUL LINKS
•
QCL2000 OEM Product Page
PERMISSIONS
Figures 1, 2, 3, & 4 in this case study were obtained from
Reference 1. The article (Ref. 1) is distributed under terms
of Creative Commons Attribution 4.0 International License
(https://creativecommons.org/licenses/by/4.0/),
which
permits unrestricted use, distribution, and reproduction in
any medium, provided that you give appropriate credit to
the original authors and the source, provide a link to the
Creative Commons license, and indicate if changes were
made.
No changes were made to the images. They are presented
here in their original form. The caption for Figure 1 was
edited for length. No other changes were made to the other
captions.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com