| Electronic Components Datasheet Search |
|
CS-LD06 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CS-LD06 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc. |
|
1 / 6 page ![]() © 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com Case Study CS-LD06 Rev. A Using QCLs for Studying Exceptional Point Singularities November, 2022 Page 1 ABSTRACT Researchers from Switzerland have developed a more practical and robust method for studying the effects of exceptional point (EP) singularities. As lasers provide an ideal system for direct observation and engineering of spectral singularities, two dual section distributed feedback (DFB) quantum cascade lasers (QCLs) were designed with Fabry-Perot modes and quarter wave shifted (QWS) DFB modes. By varying the physical location of the QWS defect as well as the injection current, researchers were able to observe and study EPs based on the coupling parameters of the system. These results show that the developed QCL is a perfect platform to study and further the knowledge of EPs and the effects they have between the weak and strong coupled regime of a laser. EXCEPTIONAL POINTS Exceptional points (EPs) can have dramatic effects on many physical properties in the world today. Although these singularities only appeared as solely mathematical outcomes in previous decades, the physical materialization of EPs has been previously demonstrated in laboratories in non-Hermitian systems. A non-Hermitian system is a local system that does not conserve energy, or one with gains and losses. The captivating aspects of these types of systems are focused around EPs. An exceptional point is when two or more eigenvalues and the corresponding eigenvectors coalesce and become degenerate.1 An n ˣ n matrix can have n eigenvalues, but this doesn't necessarily mean that there are n distinct eigenvalues. In the case where multiple eigenvalues are identical, they are identified as degenerate. In a system that has a certain level of variability, the mathematical model representing this system, with a corresponding matrix, will also change. When two or more of the eigenvalues in the model matrix become identical or degenerate because of the changing nature of the system, they coalesce. At this time, an EP has occurred and can be further studied. Lasers have become interesting systems by which researchers can look closer at EPs. Because lasers exhibit gains and losses, they are considered non-Hermitian systems - a more recent area of study with promising results. With gain and loss introduced in lasers, the occurrences of EPs can dramatically affect the overall response of the system. EPs also mark the boundary between the weakly and strongly coupled regime, adding to the usefulness of EP research.1 Other effects can be introduced because of EPs connected to the two-fold degeneracy (in real and imaginary part) of the eigenvalues in multi-section distributed feedback (DFB) lasers. EigEnvaluEs & EigEnvEctors A matrix is often used to represent a mathematical object or system. Matrix A, below, is an array with m number of rows and n number of columns. The entries in matrix A are symbolized with a i,j , where i and j indicate row and column numbers with the maximum being m and n, respectively. A = a 11 a 12 a 1n a 21 a 22 a 2n a m1 a m2 a mn An eigenvector v is, by convention, an m ˣ 1 matrix. An eigenvector is a vector that, when linearly transformed, does not change direction. The eigenvector v of a given matrix A is the vector for which the following eigenvector equation holds true: A v = λ v where λ is a scalar value, called an eigenvalue corresponding to that eigenvector. The transformation A on vector v is completely defined by the eigenvalue, λ. There are many special properties associated with eigenvectors and eigenvalues diving deeper into the field of mathematics. |
Similar Part No. - CS-LD06 |
|
Similar Description - CS-LD06 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |