Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD06 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-LD06
Description  Using QCLs for Studying Exceptional Point Singularities
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD06 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-LD06 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Case Study CS-LD06 Rev. A
Page 4
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 3.
Multiple occurrence of EP over the dynamic range of DFB QCL. (a) The intensity profile of the QWS mode and the closest FP
modes to that as function of position along the device extracted from TMM simulations, for a 5 mm long dual section DFB QCL (device 2),
where the QWS on is positioned at 0.4 ˣ L
B. The grating refractive index contrast was estimated to be Δn/n ≈ 0.6% from the width of the
DFB stop-band. (b) Measured spectral map of the device at sub-threshold currents. The map is obtained when driving the DFB section
corresponding to the observation frequency. The absence of the mode repulsion and still strong modulation of the intensity of the QWS
mode are the remarkable differences compared to strong/weak coupling regime. (c) TMM simulation results for the grating structure of
the device, including the temperature profile along the device waveguide as function of the injected current. The QWS mode crosses in
both real (frequency) and imaginary part (losses) when the FP modes tuned to be in resonance with the QWS DFB mode. (d) The measured
spectral map of the device when driven above threshold. One distinct feature here is the absence of the frequency gaps between the
subsequent off/on points, consistent with the absence of anti-crossing in the sub-threshold spectral map. The integrated intensity of the
QWS mode is shown by the red solid curve, distinguishes the dynamics in this case from weak coupling regime.1
Figure 2 shows the intensity profile from simulation, the
measured sub-threshold spectral map, as well as the
measured above threshold spectral map for the 4 mm long
QCL with the QWS defect in the middle of the front and
back section. The intensity profile shows a relatively good
overlap of the QWS DFB mode and its closest FP modes.
This overlap is critical for determining the exact location of
the EP singularities. The sub-threshold spectral map shows
anti-crossing between the frequency of the main QWS
mode and detuned FP modes. This is what we expect when
the QCL is driven with current below the lasing threshold.
At above threshold current, however, there are obvious
signs of strong coupling dynamics. Overall, when current
is pumped above threshold, the laser switches on and off
multiple times (
Figure 2c) while emitting a single mode
output. A frequency jump is seen at each turn off and on
location, relating to the observed anti-crossing gap in the
sub-threshold experiment.1
Figure 3 shows the same three profiles and maps, and it
also includes simulation results for the grating structure of
the 5 mm long QCL with the QWS defect shifted toward the
facets. Here we see the overlap of the modes to be much
lower (
Figure 3a). There is also an absence of anti-crossing
between the modes when driven with current below the
threshold, compared to Device 1. The grating refractive
index contrast is also slightly altered from Δn/n ≈ 0.5% to
Δn/n ≈ 0.6%. This physical difference can also affect EPs.
Figure 3c suggests the two-fold degeneracy (real and
imaginary part) of the DFB mode with FP modes at crossing
points.1 Once again we see the device switching on and off
again, but this time without the energy gaps.
Device 2 (offset QWS defect) shows that other methods,
such as device design parameters, can determine the
movement of the complex eigenvalues close to the EP
singularity. Previously, external disruption elements or
asymmetrical pumping were the only experimentally proven
methods. Now, physical design parameters, such as length
of the device, QWS defect location, or the refractive index
contrast of the DFB grating can alter the occurrences of
EPs in experiments. These dual section devices provide
more degrees of freedom when tuning of the coupling
strengths is required.1
Figure 4 swaps the pumped section and passive section.
This results in the EP degeneracy being lifted and the
system moves toward strong coupling. This means that the
system has moved from a weak coupled state to a state
with an EP singularity. Then the system moves toward
the strong coupled state, eliminating the EP degeneracy.
Figure 4c shows the system moving from the EP regime
to the strong coupling regime due to temperature changes
from different electrical pumping schemes. Because the
EP singularity marks the boundary between the weak and



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com