Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD06 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LD06
Description  Using QCLs for Studying Exceptional Point Singularities
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD06 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LD06 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-LD06 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Case Study CS-LD06 Rev. A
Page 5
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 4.
Lifting the EP degeneracy by different electrical pumping schemes. (a) The effective refractive index profile along the
waveguide of laser, where the QWS defect location is marked by dashed line at x = 0.4 × L
B . The device is driven electrically in the
counterpart section (the orange color) of the one with DFB designed at the observation wavelength. The inset shows schematically the
impact of the temperature profile induced by changing the electrically pumped section, as a shift of the reflection point for the FP modes
inside the DFB grating (r
2). (b) Intensity profile of the QWS mode and the four closest FP neighbor modes as function of position along the
laser waveguide, extracted for ΔT = 35°C from TMM simulations. As a result of the extension of the heating profile toward the target DFB
section, the intensity profile of FP modes penetrates more in the DFB section. (c) The simulated spectral map at sub-threshold current
densities. As a consequence of the increased overlap between the FP modes and the QWS mode intensity, the coupling strength Ω is
increased by increasing the temperature difference between the two section ΔT, and the FP modes starts to repel the QWS modes. The
insets highlight the onset of coalesce of modes and anti-crossing of modes in real parts for different values of ΔT. (d) The measured sub-
threshold spectral map of the device, where EP degeneracy is clearly lifted at the applied current range to the device.1
strongly coupled regimes,
Figure 4 suggests that this
method can hit the exact EP degeneracy condition between
the coupling regimes.
These dual section DFB QCLs provide a practical and
robust method for studying the effects of exceptional point
(EP) singularities. This non-Hermitian system modified
physical design parameters, rather than just varying
electrical and optical pumping, to show the effects of the
EP degeneracy on the laser dynamics. The simplicity of
these DFB QCLs provide a new and promising design for
exploring exceptional point singularities and the effects they
can have on their surroundings.
WAVELENGTH'S ROLE
Due to the temperature dependence on the injection current
of the QCL, researchers upgraded the electronic drive
equipment to utilize the high performance capabilities of
Wavelength Electronics' QCL driver. This critical component
enables the sensitive measurements and analysis of EP
degeneracy in QCLs and other non-Hermitian systems.
Because the EP degeneracy is lifted at only a certain
applied current, ultra-low noise laser drivers were needed.
Wavelength Electronics' QCL2000 OEM driver limits noise
produced to as low as 1.3 µA RMS up to 100 kHz and an
average current noise density of 4 nA/√Hz. With an output
of up to 2 A and stability around 10 ppm long-term, the
QCL2000 provided the stability and flexibility needed for
EP research. Additional features include: current limit and
setpoint, remote capabilities, and bandwidth of 2-3 MHz.
The stability of the injected current into the DFB QCL,
allowed researchers to discover the precise applied current
at which the EP degeneracy was lifted. This project, aided
by the QCL2000 OEM, suggests a more practical and
flexible design for exploring the effects of EPs in non-
Hermitian photonic coupled systems.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com