Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC07 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-TC07
Description  A Ray Tracing Approach to Capillary-Based Backscattering Interferometry
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC07 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-TC07 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Case Study CS-TC07 Rev. A
Page 2
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
PROBLEMS AND GOALS
There are two main parameters in capillary-based
backscattering interferometry (BSI): the angle of the incident
light and the geometry of the capillary. Both the angle of
incident light and the geometry affect the light rays detected
by the camera and the intensity of the backscattered light.
The most common geometry for BSI is a circular hollow
glass tube. However, some experiments have carried out
BSI using semicircular microfluidic channels. While this
geometry of capillary may be easier to analyze theoretically
due to its similarities to Fabry-Perot etalons and Michelson
interferometers, the manufacturing costs can be significantly
higher and the increase in sensitivity and stability are only
minimal.1
Figure 2 shows the cross section of a basic, circular, hollow
tube geometry. Overlaid on this diagram are the different
first-order rays possible given this particular geometry of
the capillary.
Figure 2. A diagram showing the different first-order
rays that are possible in the capillary geometry of BSI.
The incident angle of a given ray ϕ
i is simply the angle to
the surface normal. In the Xu/You et al.’s methodology,
the angle of incidence is related to the viewing angle β
i
of each ray, where β
i is defined to be the angle to the
horizontal in this geometry. The example of β
6 is shown
here. The diagram is adapted from Ref. 2.2 The rays are
demonstrative and not drawn with geometric accuracy.1
Both
Figure 1 and Figure 2 show that the angle of
incidence determines what rays of light are backscattered
as well as the intensity of the captured light. In two previous
ray tracing models3,4, there is a discrepancy regarding which
rays to include. Tarigan et al.4 uses a four beam model with
rays 1, 2, 3, and 4 in
Figure 2, while Xu et al.3 and You
et al.2 use a model with all seven beams in
Figure 2. This
discrepancy of which rays are considered relevant between
the two models creates a problem of choosing the more
accurate and more sensitive model for BSI. Because rays 6
and 7 do not contribute to the signal seen at the detector,
only the omission of ray 5 will need to be justified. Models
with more than 5 rays exist, but they are confined to
commercial software.1
Critical parameters that influence the resulting fringe pattern
of the backscattering are:
r = Inner radius of the hollow glass tube capillary
R = Outer radius of the hollow glass tube capillary
n
0 = Refractive index of air/outside the capillary
n
1 = Refractive index of the capillary
n
2 = Refractive index of the solution inside the capillary
ɸ
i = Incident angle of a given ray (i) to the surface normal
β
i = Output or viewing angle of a given ray (i) to the
surface normal
A new and unified model, backed by experimental data,
needs to be created for non-commercial use that states the
effects of multiple capillary parameters. Previous models do
not account for all seven first-order rays, the polarization
state of the incident light, and the dimensions and material
of the capillary.
METHOD
Researchers from the University of Bristol, UK have
developed a new ray tracing model for analyzing fringe
patterns of a hollow glass tube capillary. Two previous
ray tracing models are combined to create one composite
model for more general use. Through this simulation model
and experiment data, researchers can better understand
and improve the sensitivity of backscattering interferometry.
The effects of the polarization of the incident light and the
characteristics of the capillary are thoroughly examined.
The experimental apparatus can be seen in
Figure 3.
A 7 mW laser passed through a filter, fiber, and a linear
polarizer to obtain a single spatial mode with a variable
linear polarization state. The light is incident onto the
circular glass capillary with outer radius R and inner radius
r with refractive index n
1. The capillary, containing a liquid of
refractive index n
2, is held on a custom aluminum stage with
constant temperature control from a Peltier thermoelectric
module controlled by Wavelength Electronics' WTC3243HB
temperature controller. The light that is backscattered
or reflected and refracted from the capillary in a direction
anti-parallel to the incident light creates an interference
pattern collected by the camera.1 The interference pattern is
recorded and can change/move laterally due to fluctuations



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com