Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC07 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-TC07
Description  A Ray Tracing Approach to Capillary-Based Backscattering Interferometry
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC07 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-TC07 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Case Study CS-TC07 Rev. A
Page 5
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
The last step in processing the collected data was to
apply the fast Fourier transforms to the interference fringe
patterns.
Figure 6 compares the Fourier transforms of both
the high and low ρ values. Both the Fourier transforms of
the simulated and experimental data match well.
In
Figure 6A&B, it becomes obvious that the fringe pattern
is dominated by only a few rays. In the high ρ plot, the "4-1"
pair interference dominates the low frequency. Because
many of the pairs of beams have a very similar frequency,
the phase of this single peak determines how the refractive
index of the liquid n
2 changes during the course of the
experiment. This is one way to monitor the solution
refractive index with extreme sensitivity.
The "4-1" pair is also the dominating factor in the low
ρ plot, again in the low frequency domain, but the higher
frequency is dominated by the "5-4" and "5-1" pair
interference. Because ray 5 has such a distinctly higher
frequency and does not pass through the solution sample,
it could be used to monitor environmental effects on the
experiment.1 Monitoring the phase changes of the "5-
1" pair could lead to determining the refractive index
changes of the capillary itself, which is typically dominated
by temperature fluctuations. It is common for noise and
drift in BSI measurements to contribute to temperature
instabilities. Once a shift in the "5-1" pair is correlated to a
temperature shift, the changes could be transmitted to the
Peltier device to better maintain stable temperature through
the temperature controller. This, essentially, comes down to
the material of the capillary.
While the system with low ρ shows helpful application
in capillary refractive index changes and temperature
fluctuations, a system with high ρ will generally be preferred.
It is more robust and has a greater sensitivity due to longer
path length through the solution inside the capillary. Either
system, however, can provide useful information about the
investigated solution inside the capillary.
With the newly developed ray tracing models, researchers
realized and explored the effects of a variety of parameters
on the interference pattern in capillary-based BSI.
Researchers proved the importance of choosing the correct
ρ = n
1r/R value, whether high or low. The incorporation
of ray 5 into the analysis could allow for a concurrent
and highly sensitive temperature measurement of the
capillary.1 Regardless of the value chosen, capillary-based
backscattering interferometry, with the improved ray tracing
model, is shown to be valuable for a variety of applications
regarding the changes in refractive index inside a capillary.
Figure 6. A graph comparing the Fourier transforms of both the high (A) and low (B) ρ values. The data were taken at
10 cm horizontally and 1 cm vertically from the capillary with a fixed camera width of 1.3 cm. The black dashed lines show
the overall Fourier transforms of the patterns shown in Figure 3, with each pairwise interference term transformed and
shown separately. For example, the interference between rays 1 and 2 is shown in blue and labeled 2-1. The data were
windowed and zero-padded to reduce ringing and other artifacts after transformation.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com