Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC07 Datasheet(PDF) 6 Page - Wavelength Electronics, Inc.

Part # CS-TC07
Description  A Ray Tracing Approach to Capillary-Based Backscattering Interferometry
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC07 Datasheet(HTML) 6 Page - Wavelength Electronics, Inc.

  CS-TC07 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Case Study CS-TC07 Rev. A
Page 6
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Backscattering interferometry, capillary, refractive index,
ray tracing, polarization, fringe pattern, spatial chirps,
models, WTC3243HB, temperature controller
PRODUCTS USED
WTC3243 HB
REVISION HISTORY
Document Number: CS-TC07
REVISION
DATE
NOTES
A
September 2022
Initial Release
REFERENCES
1. Mulkerns, N.M.C.; Hoffmann, W.H.; Lindsay, I.D.;
Gersen, H. Shedding Light on Capillary-Based
Backscattering Interferometry, Sensors
22, 2157
(2022). https://doi.org/10.3390/s22062157
2. You, Z.; Jiang, D.; Stamnes, J.; Chen, J.; Xiao, J.
Characteristics and applications of two-dimensional
light scattering by cylindrical tubes based on ray tracing.
Appl. Opt.
51, 8341 (2012). https://doi.org/10.1364/
AO.51.008341
3. Xu, Q.; Tian, W.; You, Z.; Xiao, J. Multiple beam
interference model for measuring parameters of
a capillary. Appl. Opt.
51, 6948 (2015). https://doi.
org/10.1364/AO.54.006948
4. Tarigan, H.J.; Neill, P.; Kenmore, C.K.; Bomhop,
D.J. Capillary-scale refractive index detection by
interferometric backscatter. Anal. Chem.
68, 1762–
1770 (1996). https://doi.org/10.1021/ac9511455
USEFUL LINKS
•
WTC3243HB Product Page
•
WTC32ND-HB Product Page (New Version)
PERMISSIONS
Figures 1, 2, 3, 4, 5, & 6 in this case study were obtained
from Reference 1. The article (Ref. 1) is distributed under
terms of Creative Commons Attribution 4.0 International
License
(https://creativecommons.org/licenses/by/4.0/),
which permits unrestricted use, distribution, and
reproduction in any medium, provided that you give
appropriate credit to the original authors and the source,
provide a link to the Creative Commons license, and
indicate if changes were made.
A caption was added to Figure 1, and the captions in
Figures 2 and 6 were edited to match format. The other
images are presented here in their original form and
caption.
WAVELENGTH'S ROLE
Due to temperature dependence of the refractive index
of the solution inside the capillary and the capillary itself,
the aluminum stage that holds the capillary needs to be
maintained at a stable temperature. Wavelength Electronics'
WTC3243HB temperature controller can achieve 0.0009ºC
temperature stability when coupled with a Peltier
thermoelectric module. This controller, an adaption of the
standard WTC3243 controller, operates from 3.6 V, Lithium-
Ion batteries. The WTC3243HB ensured stable refractive
index of the solution inside the capillary, correlating to more
stable backscattering light collection from the camera and
repeatable experimental data.
The WTC3243HB temperature controller can drive up to
±2.2 A of thermoelectric or resistive heater current. Not
only does the WTC3243HB have high linear stability, it
has heating and cooling current limits and can support
thermistors, RTDs, and IC sensors. The small size of
1.3" x 1.28" x 0.313" enables the WTC3243HB to be utilized
in almost any setup and design.
The robust and reliable WTC3243HB is designed
into handheld electro-optical systems, atmospheric
lidar instruments, airborne instrumentation, Raman
spectrometers, and medical diagnostic equipment. By
using the WTC3243HB temperature controller, researchers
were able to maintain consistent and stable temperatures
of the capillary and the solution inside the capillary in this
backscattering interferometer, beneficial for measuring
molecular binding via interferometric refractive index
sensing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com