Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC07 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # CS-TC07
Description  A Ray Tracing Approach to Capillary-Based Backscattering Interferometry
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC07 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  CS-TC07 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Case Study CS-TC07 Rev. A
A Ray Tracing Approach to
Capillary-Based Backscattering
Interferometry
September, 2022
Page 1
ABSTRACT
Capillary-based backscattering interferometry has been used as a highly sensitive refractive index sensing
tool to measure molecular binding. Generally, ray tracing is used to simulate the backscattered light
from the specific capillary. Previous ray tracing models do not account for polarization effects, capillary
dimensions and material choices, and other parameters that could change the interference patterns
captured. Researchers from the United Kingdom have developed a comprehensive ray tracing model
including many parameters not previously reported. The significance of the inner diameter, outer diameter,
and the refractive index of the capillary material are shown to heavily influence the interference pattern.
Potential designs are explored to measure sensitive temperature changes, and therefore refractive index
changes, based on capillary characteristics.
BACKSCATTERING INTERFEROMETRY
Backscattering interferometry (BSI) is a technique of
capturing light from a source (typically a laser) that has
reflected, refracted, or scattered back from a solution under
study. Fringe patterns from the backscattered light, can be
utilized as a refractive index sensor with extremely high
accuracy. Capillary-based BSI is common for measuring
molecular binding through sensing refractive index
changes. Typically, capillaries are hollow glass tubes with a
circular geometry.
Figure 1 shows a typical capillary-based
BSI setup with the different first-order rays that are possible
in the capillary geometry.
Depending on the angle of incident light and the index of
refraction of the capillary material and solution, certain rays
of light may not ever be backscattered to the detector or
camera. This can be seen by the 'x' located in the top
capillary in
Figure 1.
Although capillary-based BSI is very successful in analyzing
different refractive index scenarios, it is generally lacking
in literature for clarification on experimental parameters:
effects of the polarization state of the incident light and
capillary dimensions on the final fringe pattern.1 Some
researchers have developed ray tracing models and
simulations, however, these models can seem contradictory
in specific situations.
Ray tracing is an optical simulation model for determining
the final location and propagation of light rays through a
given system. Amplitude, optical phase, and propagation
direction can be determined analytically with this technique.1
Figure 1 shows the results of propagation in ray tracing.
Figure 1. Capillary-based backscattering interferometry setup with different first-order rays that are possible in the
capillary geometry and the angle of incident vs. intensity of the backscattering signal with different polarizations.1


Similar Part No. - CS-TC07

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
CS-TC02 WAVELENGTH-CS-TC02 Datasheet
1Mb / 4P
Frequency-Modulated, LiDAR-Based Length and Thickness Metrology Systems
February, 2020
CS-TC03 WAVELENGTH-CS-TC03 Datasheet
1Mb / 5P
Single-Mode, Narrow Band Photon Source Using SPDC for Hybrid Quantum Systems
April, 2020
CS-TC04 WAVELENGTH-CS-TC04 Datasheet
1Mb / 6P
Polymerase Chain Reaction Thermal Cycler with Proportional-Integral Temperature Controller
January, 2021
CS-TC05 WAVELENGTH-CS-TC05 Datasheet
1Mb / 5P
Fluorescent Hypoxia Detection Fluorescent Hypoxia Detection
November, 2021
CS-TC06 WAVELENGTH-CS-TC06 Datasheet
2Mb / 5P
Rapid Transitions of Thermo-Responsive Polymer Networks
June, 2022
More results

Similar Description - CS-TC07

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
J5022-01 HAMAMATSU-J5022-01 Datasheet
27Kb / 1P
CAPILLARY PLATE
logo
Vishay Siliconix
AN817 VISHAY-AN817 Datasheet
40Kb / 5P
A Discrete Approach to Battery Charging for Cellular Phones
22-Jan-01
logo
Broadcom Corporation.
BCM567X BOARDCOM-BCM567X Datasheet
171Kb / 28P
A Scalable Approach to Gigabit Ethernet Switch Design
logo
Voltage Multipliers Inc...
XRS040N100 VMI-XRS040N100 Datasheet
171Kb / 2P
Portable X-Ray
logo
List of Unclassifed Man...
27EP4 ETC2-27EP4 Datasheet
218Kb / 3P
CATHODE-RAY TUBE
logo
Raytheon Company
3UP1 RAYTHEON-3UP1 Datasheet
175Kb / 2P
CATHODE RAY TUBE
10WP7 RAYTHEON-10WP7 Datasheet
277Kb / 3P
CATHODE RAY TUBE
logo
Pixart Imaging Inc.
PAC7010 PIXART-PAC7010 Datasheet
382Kb / 5P
motion tracing ASIC
logo
List of Unclassifed Man...
C5K1-TPD-XX ETC2-C5K1-TPD-XX Datasheet
550Kb / 2P
C5 Series Credenza Racks Implement a Totally New Approach
WK1V-115-020 ETC2-WK1V-115-020 Datasheet
85Kb / 2P
COLD CAPILLARY CONTROLS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com