Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC07 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-TC07
Description  A Ray Tracing Approach to Capillary-Based Backscattering Interferometry
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC07 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-TC07 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Case Study CS-TC07 Rev. A
Page 4
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 4. A graph showing the simulated intensity patterns seen for a capillary higher (A) and lower (B) than the ρ = 1 limit
for both s- and p-polarized incident light. The data were taken 9 cm horizontally and 0.75 cm vertically from the capillary,
with a simulated camera width of 1.3 cm. The angle is given in degrees from β = π. The data have been normalized between
0 and 1 to aid comparison.1
Figure 5. A graph showing the experimental intensity patterns seen for a capillary both higher (A) and lower (B) than
the ρ = 1 limit. The data were taken at ~9 cm horizontally and ~0.75 cm vertically from the capillary, with a camera width of
1.3 cm. The data were longitudinally averaged to reduce high-frequency noise and produce a more representative fringe
pattern. The data have been normalized between 0 and 1 to aid comparison.1
In the high ρ cases, the fringe pattern is dominated by the interference between beams 1, 4, and 5. Once again, the
modulation is caused by the other components. The experimental data captured here matches simulation data quite well.
Any slight shifts in oscillations are most likely due to minor misalignments or manufacturing tolerances in the capillaries
used.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com