Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC07 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-TC07
Description  A Ray Tracing Approach to Capillary-Based Backscattering Interferometry
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC07 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-TC07 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-TC07 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Case Study CS-TC07 Rev. A
Page 3
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 3. A schematic diagram of the backscattering
interferometry apparatus used in this work.1
in the refractive index of the liquid inside the capillary. A
Fourier transform of the intensity pattern is used to monitor
the fringe translation by using the phase change of the
desired frequency peak of the Fourier transform.
For the desired unified ray tracing model, the Xu3/You2 and
Tarigan4 methods are combined and adapted. The largest
discrepancy between the two models is the omission of
ray 5. Using Snell's law and other geometrical arguments,
the viewing angle β
5 can be shown in terms of ɸ5 and known
constants:
β
5 = 2ɸ5 – 4 arcsin
( )+π
sinɸ
5
n
1
which is valid where arcsin (n
1r/R)
≤ ɸ
5
≤ π/2. At
ρ = n
1r/R > 1, ray 5 will cease to exist due to the inner
diameter of the capillary blocking the ray.1 For this particular
capillary made of fused silica, a typical refractive index
with be n
1 ≈ 1.457 at the incident wavelength of 632.8 nm.
This means that r/R < 0.68 for ray 5 to be valid and
contribute to the interference patterns. At r/R ≥ 0.68, ray 5
is no longer defined or included in the interference with any
backscattered rays. The Tarigan4 model uses a capillary
above this limit and so, correctly, does not consider ray 5
in the experiment. In many cases, the refractive index
of the capillary is unknown, making the r/R = 0.68 just an
estimate.1
Other factors, taken into account in one or both models,
are also shown to be either case specific or incorrect.
For example, the Tarigan4 model uses the small angle
approximation which is justified when only considering
rays 1, 2, 3, and 4, but if r/R < 0.68, the small angle
approximation cannot be considered for ray 5. The other
model assumes that the refractive index of the solution
inside the capillary is higher than the capillary itself, n
2 > n1.
This is not typically the case in the average BSI experiment.
For correction, the angular bounds of rays 3, 4, and 7 can
be adjusted.1
Once the incident angle ɸ
i and viewing angle βi are
converted, the overlapping beams interfere pairwise to
create the fringe patterns. Because this model does not only
consider small angles and the correlating approximations,
the reflection and transmission are angle- and polarization-
dependent. Researchers use the amplitude versions of the
reflection and transmission coefficients to model phase
changes upon each reflection and transmission, rather than
the typical intensity version which does not account for any
phase changes.
RESULTS
With the new unified model, both methods were replaced by
the full polarization-variable formulations in amplitude rather
than intensity.1 A fast Fourier transform was implemented to
aid in the analysis. The most obvious result is the difference
in fringe patterns seen for ρ = n
1r/R < 1 and ρ = n1r/R > 1
capillaries. These parameters refer to when ray 5 does
and does not contribute to the interference patterns seen,
respectively. In some figures, when ρ > 1, it will be referred
to as high ρ. When ρ < 1, it will be referred to as low ρ.
Figure 4 shows the simulated interference patterns for both
high and low ρ capillaries. Both s- and p-polarized incident
light are present across a range of viewing angles.
Figure
5
shows
the
experimentally
obtained
interference patterns with the same parameters listed in
Figure 4. These patterns are collected using the apparatus
in
Figure 3.
When comparing
Figure 4A and Figure 5A (high ρ),
the fringes formed at the camera resemble a two-beam
interference pattern with a very low frequency envelope
component.1 The pattern is largely dominated by ray 1
and ray 4. Other rays cause some modulation within the
pattern. When comparing the interference patterns with the
correlating s- and p-polarization, there is little difference.
Both in simulation and experimentally, the interference
patterns are essentially polarization-independent. This is
something that was not clear and perhaps unknown in the
other ray tracing models.
When viewing
Figure 4B and Figure 5B (low ρ), the
fringe pattern looks significantly different. Although all the
parameters are kept the same, except the reduced ρ value,
there is a much higher frequency fringe pattern. This can
be explained from the large variation in path length of ray 5
as the incident angle is varied. Once again, the frequency
envelope is maintained regardless of polarization state.
However, the relative intensity is slightly lower for the
s-polarization. Although the polarizations results are slightly
different, in general experiments the polarization state will
have a negligible impact on the fringes observed.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com