Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10368ASP Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R5F10368ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10368ASP Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R5F10368ASP Datasheet HTML 29Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 30Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 31Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 32Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 33Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 34Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 35Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 36Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 114 page
background image
RL78/G12
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 33 of 109
(3) During communication at same potential (simplified SPI (CSI) mode) (master mode, SCKp... internal clock
output)
(TA = –40 to +85°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) Mode
LS (low-speed
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
SCKp cycle time
tKCY1
tKCY1
≥ 4/fCLK
2.7 V
≤ VDD ≤ 5.5 V
167
500
ns
2.4 V
≤ VDD ≤ 5.5 V
250
500
ns
1.8 V
≤ VDD ≤ 5.5 V
–
500
ns
SCKp high-/low-level width
tKH1,
tKL1
4.0 V
≤ VDD ≤ 5.5 V
tKCY1/2–12
tKCY1/2–50
ns
2.7 V
≤ VDD ≤ 5.5 V
tKCY1/2–18
tKCY1/2–50
ns
2.4 V
≤ VDD ≤ 5.5 V
tKCY1/2–38
tKCY1/2–50
ns
1.8 V
≤ VDD ≤ 5.5 V
–
tKCY1/2–50
ns
SIp setup time (to SCKp
↑)
Note 1
tSIK1
4.0 V
≤ VDD ≤ 5.5 V
44
110
ns
2.7 V
≤ VDD ≤ 5.5 V
44
110
ns
2.4 V
≤ VDD ≤ 5.5 V
75
110
ns
1.8 V
≤ VDD ≤ 5.5 V
–
110
ns
SIp hold time
(from SCKp
↑) Note 2
tKSI1
19
19
ns
Delay time from SCKp
↓ to
SOp output Note 3
tKSO1
C = 30 pF Note 4
25
25
ns
Notes 1.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp setup time becomes “to
SCKp
↓” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
2.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp hold time becomes “from
SCKp
↓” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
3.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The delay time to SOp output
becomes “from SCKp
↑” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
4.
C is the load capacitance of the SCKp and SOp output lines.
Caution Select the normal input buffer for the SIp pin and the normal output mode for the SOp and SCKp pins
by using port input mode register 1 (PIM1) and port output mode registers 0, 1, 4 (POM0, POM1,
POM4).
Remarks 1. p: CSI number (p = 00, 01, 11, 20), m: Unit number (m = 0, 1), n: Channel number (n = 0, 1, 3: “1, 3” is
only for the R5F102 products)
2. fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the serial clock select register m (SPSm) and the CKSmn bit of serial mode
register mn (SMRmn). m: Unit number (m = 0, 1), n: Channel number (n = 0, 1, 3: “1, 3” is only for the
R5F102 products.))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com