Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10368ASP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F10368ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10368ASP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F10368ASP Datasheet HTML 5Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 6Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 7Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 8Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 9Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 10Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 11Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 12Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 114 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 9 of 109
1.4.3 30-pin products
● 30-pin plastic LSSOP (7.62 mm (300), 0.65-mm pitch)
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
P20/ANI0/AVREFP
P01/ANI16/TO00/RxD1
Note
P00/ANI17/TI00/TxD1
Note
P120/ANI19
P40/TOOL0
RESET
P137/INTP0
P122/X2/EXCLK
P121/X1
REGC
VSS
VDD
P60/SCLA0
P61/SDAA0
P31/TI03/TO03/INTP4/PCLBUZ0
P21/ANI1/AVREFM
P22/ANI2
P23/ANI3
P147/ANI18
P10/SCK00/SCL00
Note/(TI07/TO07)
P11/SI00/RxD0/TOOLRxD/SDA00
Note/(TI06/TO06)
P13/TxD2
Note/SO20Note/(SDAA0)Note/(TI04/TO04)
P14/RxD2
Note/SI20Note/SDA20Note/(SCLA0)Note/(TI03/TO03)
P15/PCLBUZ1/SCK20
Note/SCL20Note/(TI02/TO02)
P12/SO00/TxD0/TOOLTxD/(TI05/TO05)
P16/TI01/TO01/INTP5/(RxD0)
P17/TI02/TO02/(TxD0)
P30/INTP3/SCK11
Note/SCL11Note
P50/INTP1/SI11
Note/SDA11Note
P51/INTP2/SO11
Note
Note Provided only in the R5F102 products.
Caution Connect the REGC pin to VSS via capacitor (0.47 to 1 µF).
Remarks 1. For pin identification, see 1.5 Pin Identification.
2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection
register (PIOR). See Figure 4-8 Format of Peripheral I/O Redirection Register (PIOR) in the
RL78/G12 User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com