Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10368ASP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F10368ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10368ASP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F10368ASP Datasheet HTML 1Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 2Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 3Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 4Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 5Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 6Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 7Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 8Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 114 page
background image
Datasheet
RL78/G12
RENESAS MCU
True low-power platform (63
μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation,
2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 1 of 109
R01DS0193EJ0250
Rev.2.50
Jan 17, 2025
1. OUTLINE
1.1 Features
Ultra-low power consumption technology
 VDD = single power supply voltage of 1.8 to 5.5 V which
can operate at a low voltage
 HALT mode
 STOP mode
 SNOOZE mode
RL78 CPU core
 CISC architecture with 3-stage pipeline
 Minimum instruction execution time: Can be changed
from high speed (0.04167
s: @ 24 MHz operation with
high-speed on-chip oscillator) to ultra-low speed (1
s:
@ 1 MHz operation)
 Address space: 1 MB
 General-purpose registers: (8-bit register x 8) x 4 banks
 On-chip RAM: 256 B to 2 KB
Code flash memory
 Code flash memory: 2 to 16 KB
 Block size: 1 KB
 Prohibition of block erase and rewriting (security
function)
 On-chip debug function
 Self-programming (with flash shield window function)
Data flash memory Note2
 Data flash memory: 2 KB
 Back ground operation (BGO): Instructions are
executed from the program memory while rewriting the
data flash memory.
 Number of rewrites: 1,000,000 times (TYP.)
 Voltage of rewrites: VDD = 1.8 to 5.5 V
High-speed on-chip oscillator
 Select from 24 MHz, 16 MHz, 12 MHz, 8 MHz, 6 MHz,
4 MHz, 3 MHz, 2 MHz, and 1 MHz
 High accuracy: +/- 1.0 % (VDD = 1.8 to 5.5 V, TA = -20
to +85 °C)
Operating ambient temperature
 TA = -40 to +85 °C (A: Consumer applications, D:
Industrial applications)
 TA = -40 to +105 °C (G: Industrial applications) Note2
Power management and reset function
 On-chip power-on-reset (POR) circuit
 On-chip voltage detector (LVD) (Select interrupt and
reset from 12 levels)
DMA (Direct Memory Access) controller Note2
 2 channels
 Number of clocks during transfer between 8/16-bit SFR
and internal RAM: 2 clocks
Multiplier and divider/multiply-accumulator
 16 bits x 16 bits = 32 bits (Unsigned or signed)
 32 bits x 32 bits = 32 bits (Unsigned)
 16 bits x 16 bits + 32 bits = 32 bits (Unsigned or
signed)
Serial interface
 Simplified SPI (CSI Note1):
: 1 to 3 channels
 UART
: 1 to 3 channels
 Simplified I2C communication
: 0 to 3 channels
 I2C communication
: 1 channel
Timer
 16-bit timer
: 4 to 8 channels
 12-bit interval timer : 1 channel
 Watchdog timer
: 1 channel (operable with the
dedicated low-speed on-chip
oscillator)
A/D converter
 8/10-bit resolution A/D converter (VDD = 1.8 to 5.5 V)
 8 to 11 channels, internal reference voltage (1.45 V),
and temperature sensor Note2
I/O port
 I/O port: 18 to 26
(N-ch open drain I/O [withstand voltage of 6 V]: 2,
N-ch open drain I/O [VDD withstand voltage]: 4 to 9)
 Can be set to N-ch open drain, TTL input buffer, and
on-chip pull-up resistor
 Different potential interface: Can connect to a 1.8/2.5/3
V device
 On-chip key interrupt function
 On-chip clock output/buzzer output controller
Others
 On-chip BCD (binary-coded decimal) correction circuit
Note 1. Although the CSI function is generally called SPI,
it is also called CSI in this product, so it is referred
to as such in this manual.
Note 2. Can be selected only in HS (high-speed main)
mode.
Remark The functions mounted depend on the product.
See 1.7 Outline of Functions.


Similar Part No. - R5F10368ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10368ASP RENESAS-R5F10368ASP Datasheet
1Mb / 110P
RENESAS MCU
More results

Similar Description - R5F10368ASP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9834 AD-AD9834 Datasheet
236Kb / 20P
Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
logo
Renesas Technology Corp
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
R5F10E8AALA RENESAS-R5F10E8AALA Datasheet
965Kb / 79P
Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
R5F10RB8AFP RENESAS-R5F10RB8AFP Datasheet
816Kb / 76P
Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
RL78 RENESAS-RL78_V01 Datasheet
3Mb / 207P
True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
R7F0C903-908 RENESAS-R7F0C903-908 Datasheet
1Mb / 99P
True Low Power Platform (as low as 66 µA/MHz, and 0.57 µA for LVD), 1.6 V to 5.5 V operation, 16 to 48 Kbyte Flash, 31 DMIPS at 24 MHz, for General Purpose Applications
Jun 05, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com