Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10368ASP Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R5F10368ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10368ASP Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R5F10368ASP Datasheet HTML 12Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 13Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 14Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 15Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 16Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 17Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 18Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 19Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 114 page
background image
RL78/G12
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 16 of 109
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
This chapter describes the following electrical specifications.
Target products A: Consumer applications TA = -40 to +85°C
R5F102xxAxx, R5F103xxAxx
D: Industrial applications TA = -40 to +85°C
R5F102xxDxx, R5F103xxDxx
G: Industrial applications when TA = -40 to +105°C products is used in the range of TA = -40 to +85°C
R5F102xxGxx
Cautions 1. The RL78 microcontrollers have an on-chip debug function, which is provided for development and
evaluation. Do not use the on-chip debug function in products designated for mass production,
because the guaranteed number of rewritable times of the flash memory may be exceeded when this
function is used, and product reliability therefore cannot be guaranteed. Renesas Electronics is not
liable for problems occurring when the on-chip debug function is used.
2. The pins mounted depend on the product. Refer to 2.1 Port Functions to 2.2.1 Functions for each
product in the RL78/G12 User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com