Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10368ASP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F10368ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10368ASP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F10368ASP Datasheet HTML 3Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 4Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 5Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 6Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 7Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 8Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 9Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 10Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 114 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 7 of 109
1.4 Pin Configuration (Top View)
1.4.1 20-pin products
● 20-pin plastic LSSOP (4.4 × 6.5 mm, 0.65-mm pitch)
● 20-pin plastic TSSOP (4.4 × 6.5 mm, 0.65-mm pitch)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
P21/ANI1/AV REFM
P22/ANI2
P23/ANI3
P10/ANI16/PCLBUZ0/SCK00/SCL00
P11/ANI17/SI00/RxD0/SDA00
/TOOLRxD
P12/ANI18/SO00/TxD0/TOOLTxD
P13/ANI19/TI00/TO00/INTP2
P14/ANI20/TI01/TO01/INTP3
P61/KR5/SDAA0/(RxD0)
P60/KR4/SCLA0/(TxD0)
P20/ANI0/AVREFP
P40/KR0/TOOL0
P137/INTP0
P122/KR2/X2/EXCLK/(TI02)/(INTP2)
P121/KR3/X1/(TI03)/(INTP3)
VSS
VDD
P42/ANI21/SCK01
/SCL01Note
Note
/TI03/TO03
P41/ANI22/SO01
/SDA01
Note
Note
/TI02/TO02/INTP1
P125/KR1/SI01
/RESET
Note
Note
Note
Note Provided only in the R5F102 products.
Remarks 1. For pin identification, see 1.5 Pin Identification.
2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection
register (PIOR). See Figure 4-8 Format of Peripheral I/O Redirection Register (PIOR) in the
RL78/G12 User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com