Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10368ASP Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R5F10368ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10368ASP Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R5F10368ASP Datasheet HTML 78Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 79Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 80Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 81Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 82Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 83Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 84Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 85Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 114 page
background image
RL78/G12
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = –40 to +105°C)
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 82 of 109
(5) Communication at different potential (1.8 V, 2.5 V, 3 V) (UART mode)
(TA = –40 to +105°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main)
Mode
Unit
MIN.
MAX.
Transfer
rate Note4
Reception
4.0 V
≤ VDD ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V
fMCK/12
Note 1
bps
Theoretical value of the maximum
transfer rate
fMCK = fCLKNote 2
2.0
Mbps
2.7 V
≤ VDD < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V
fMCK/12
Note 1
bps
Theoretical value of the maximum
transfer rate
fMCK = fCLKNote 2
2.0
Mbps
2.4 V
≤ VDD < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 V
fMCK/12
Note 1
bps
Theoretical value of the maximum
transfer rate
fMCK = fCLKNote 2
2.0
Mbps
Transmission
4.0 V
≤ VDD ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V
Note 3
bps
Theoretical value of the maximum
transfer rate
Cb = 50 pF, Rb = 1.4 k
Ω, Vb = 2.7 V
2.0
Note 4
Mbps
2.7 V
≤ VDD < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V,
Note 5
bps
Theoretical value of the maximum
transfer rate
Cb = 50 pF, Rb = 2.7 k
Ω, Vb = 2.3 V
1.2
Note 6
Mbps
2.4 V
≤ VDD < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 V
Notes
2, 7
bps
Theoretical value of the maximum
transfer rate
Cb = 50 pF, Rb = 5.5 k
Ω, Vb = 1.6 V
0.43
Note 8
Mbps
Notes 1.
Transfer rate in the SNOOZE mode is 4800 bps only.
2.
The maximum operating frequencies of the CPU/peripheral hardware clock (fCLK) are:
HS (high-speed main) mode: 24 MHz (2.7 V
≤ VDD ≤ 5.5 V)
16 MHz (2.4 V
≤ VDD ≤ 5.5 V)
3.
The smaller maximum transfer rate derived by using fMCK/12 or the following expression is the valid
maximum transfer rate.
Expression for calculating the transfer rate when 4.0 V
≤ VDD ≤ 5.5 V and 2.7 V ≤ Vb ≤ 4.0 V
Maximum transfer rate =
1
[bps]
{–Cb × Rb × ln (1 –
2.2
Vb )} × 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com