Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TBAGFM Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 66Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 67Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 68Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 69Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 70Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 71Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 72Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 73Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 70 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
Note:
The values are reference values when the 4-layer printed circuit board is used. Thermal resistance depends on the number of
layers and size of the board. For details, refer to the JEDEC standards.
Note 1. The listed value applies when the exposed die pad is connected to VSS.
Table 2.13
Thermal Resistance Value (Reference)
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V,
Ta = Topr
Item
Package
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Thermal resistance
100-pin LFQFP (PLQP0100KB-B)
ja
—
—
50.5
°C/W
JESD51-2 and
JESD51-7 compliant
80-pin LFQFP (PLQP0080KB-B)
—
—
47.7
64-pin LFQFP (PLQP0064KB-C)
—
—
51.9
64-pin HWQFN (PWQN0064KF-A)
—
—
18.4*1
48-pin LFQFP (PLQP0048KB-B)
—
—
60.8
48-pin HWQFN (PWQN0048KC-A)
—
—
19.5*1
32-pin HWQFN (PWQN0032KE-A)
—
—
26.3*1
100-pin LFQFP (PLQP0100KB-B)
jt
—
—
1.39
°C/W
JESD51-2 and
JESD51-7 compliant
80-pin LFQFP (PLQP0080KB-B)
—
—
1.39
64-pin LFQFP (PLQP0064KB-C)
—
—
1.88
64-pin HWQFN (PWQN0064KF-A)
—
—
0.12*1
48-pin LFQFP (PLQP0048KB-B)
—
—
2.38
48-pin HWQFN (PWQN0048KC-A)
—
—
0.12*1
32-pin HWQFN (PWQN0032KE-A)
—
—
0.28*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com