| Electronic Components Datasheet Search |
|
R5F526TBAGFM Datasheet(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F526TBAGFM Datasheet(HTML) 8 Page - Renesas Technology Corp |
|
8 / 142 page ![]() R01DS0407EJ0120 Rev.1.20 Page 8 of 142 Oct 31, 2024 RX26T Group 1. Overview Communication function I3C bus interface (RI3C) 1 channel Supports the SDR mode Supports the legacy I2C message Supports the multi-master Event linking by the ELC CAN FD module (CANFD) 1 channel Compliance with the ISO11898-1:2015 specification (standard frame and extended frame) Serial peripheral interface (RSPId) 1 channel RSPI transfer facility Using the MOSI (master out, slave in), MISO (master in, slave out), SSL (slave select), and RSPCK (RSPI clock) signals enables serial transfer through SPI operation (four lines) or clock-synchronous operation (three lines) Capable of handling serial transfer as a master or slave Data formats Switching between MSB first and LSB first The number of bits in each transfer can be changed to any number of bits from 8 to 16, 20, 24, or 32 bits. 128-bit buffers for transmission and reception Up to four frames can be transmitted or received in a single transfer operation (with each frame having up to 32 bits) Transmit/receive data can be swapped in byte units Buffered structure Double buffers for both transmission and reception RSPCK can be stopped with the receive buffer full for master reception. Event linking by the ELC Serial peripheral interface (RSPIA) 1 channel RSPI transfer facility Using the MOSI (master out, slave in), MISO (master in, slave out), SSL (slave select), and RSPCK (RSPI clock) signals enables serial transfer through SPI operation (four lines) or clock-synchronous operation (three lines) Capable of handling serial transfer as a master or slave Data formats Switching between MSB first and LSB first The number of bits in each transfer can be changed to any number of bits from 8 to 16, 20, 24, or 32 bits. 128-bit buffers for transmission and reception Up to four frames can be transmitted or received in a single transfer operation (with each frame having up to 32 bits) Transmit/receive data can be swapped in byte units Buffered structure The transmission and reception sections have 4-stage and 32-bit-wide FIFO buffers for the sequential transmission and reception of data. RSPCK can be stopped with the receive buffer full for master reception. Event linking by the ELC Communications protocol: RSPIA supports the Texas Instruments Synchronous Serial Protocol (TI SSP). Table 1.1 Outline of Specifications (7/9) Classification Module/Function Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |