Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TBAGFM Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 101Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 102Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 103Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 104Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 105Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 106Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 107Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 108Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 105 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
2.4.5.12
RSPIA
Note 1. tPAcyc: PCLKA cycle
Table 2.38
RSPIA Timing
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 15 pF,
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.*1
Max.*1
Unit*1
Test Conditions
RSPI
RSPCK clock cycle
Master
tSPcyc
2—
tPAcyc Figure 2.59
Slave
2
—
RSPCK clock high pulse width Master
tSPCKWH
(tSPcyc – tSPCKr
– tSPCKf) / 2 – 3
—ns
Slave
0.4
0.6
tSPcyc
RSPCK clock low pulse width
Master
tSPCKWL
(tSPcyc – tSPCKr
– tSPCKf) / 2 – 3
—ns
Slave
0.4
0.6
tSPcyc
RSPCK clock rise/fall time
Output
tSPCKr,
tSPCKf
—5
ns
Input
—
1
µs
Data input setup time
Master
tSU
0—
ns
VCC ≥ 4.5 V Figure 2.60 to
Figure 2.66
2.5
—
VCC < 4.5 V
Slave
2.5
—
Data input hold time
Master
tH
7—
ns
Slave
2.5
—
SSL setup time
Master
tLEAD
18
tSPcyc
Slave
6
—
tPAcyc
SSL hold time
Master
tLAG
18
tSPcyc
Slave
6
—
tPAcyc
Data output delay time
Master
tOD
—4.5
ns
VCC ≥ 4.5 V
—
5.5
VCC < 4.5 V
Slave
—
14
VCC ≥ 4.5 V
—
18
VCC < 4.5 V
Data output hold time
Master
tOH
0—
ns
Slave
0
—
Successive transmission
delay time
Master
tTD
tSPcyc + 2 × tPAcyc
8 × tSPcyc
+ 2 × tPAcyc
ns
Slave
tSPcyc
—
MOSI and MISO
rise/fall time
Output
tDr, tDf
—5
ns
Input
—
1
µs
SSL
rise/fall time
Output
tSSLr,
tSSLf
—5
ns
Input
—
1
µs
Slave access time
tSA
—
20
ns
Figure 2.63, Figure 2.64
Slave output release time
tREL
—20
ns
TI SSP SS input setup time
Slave
tTISS
4.5
—
ns
Figure 2.65, Figure 2.66
TI SSP SS input hold time
Slave
tTISH
2.5
—
ns
TI SSP next-access delay
time
Slave
tTIND
2 × tPAcyc +
SLNDL × tPAcyc
—ns
TI SSP SS output delay time
Master
tTISSOD
—
7
ns
Figure 2.62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com