Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDLE Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # R5F5671CDDLE
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLE Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button R5F5671CDDLE Datasheet HTML 84Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 85Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 86Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 87Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 88Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 89Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 90Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 91Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 88 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Note:
The values are reference values when the 4-layer board is used. Thermal resistance depends on the number of layers or size of
the board. For details, refer to the JEDEC standards.
Note 1. This value applies when the exposed die pad for this purpose is connected to VSS.
Table 2.10
Thermal Resistance Value (Reference)
Item
Package
Symbol
Max.
Unit
Test Conditions
Thermal resistance
144-pin LFQFP (PLQP0144KA-B)
ja
48.4
°C/W
JESD51-2 and
JESD51-7 compliant
100-pin LFQFP (PLQP0100KB-B)
51.7
64-pin LFQFP (PLQP0064KB-C)
51.2
48-pin HWQFN (PWQN0048KC-A)
19.1*1
145-pin TFLGA (PTLG0145JC-A)
30.9
JESD51-2 and
JESD51-9 compliant
145-pin TFLGA (PTLG0145KB-A)
30.6
100-pin TFLGA (PTLG0100JB-A)
30.9
64-pin TFBGA (PTBG0064KB-A)
32.0
144-pin LFQFP (PLQP0144KA-B)
jt
1.2
°C/W
JESD51-2 and
JESD51-7 compliant
100-pin LFQFP (PLQP0100KB-B)
1.2
64-pin LFQFP (PLQP0064KB-C)
1.2
48-pin HWQFN (PWQN0048KC-A)
0.1*1
145-pin TFLGA (PTLG0145JC-A)
0.4
JESD51-2 and
JESD51-9 compliant
145-pin TFLGA (PTLG0145KB-A)
0.4
100-pin TFLGA (PTLG0100JB-A)
0.4
64-pin TFBGA (PTBG0064KB-A)
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com