Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDLE Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # R5F5671CDDLE
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLE Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button R5F5671CDDLE Datasheet HTML 92Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 93Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 94Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 95Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 96Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 97Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 98Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 99Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 96 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Figure 2.10
PLL Clock Oscillation Start Timing
Note 1. When using a sub-clock, ask the manufacturer of the oscillator to evaluate its oscillation. Refer to the results of evaluation
provided by the manufacturer for the oscillation stabilization time.
Note 2. The number of cycles selected by the value of the SOSCWTCR.SSTS[7:0] bits determines the sub-clock oscillation stabilization
waiting time in accord with the formula below.
tSUBOSCWT = [(SSTS[7:0] bits × 16384) + 10] / fLOCO
Figure 2.11
Sub-Clock Oscillation Start Timing
Table 2.20
PLL Clock Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
PLL clock oscillation frequency
fPLL
120
—
240
MHz
PLL clock oscillation stabilization waiting time
tPLLWT
—
259
320
µs
Figure 2.10
Table 2.21
Sub-Clock Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
When a low CL crystal resonator is in use: VBATT = 2.0 to 3.6 V,
When a standard CL crystal resonator is in use: VBATT = 1.62 to 3.6 V, Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Sub-clock oscillation frequency
fSUB
—
32.768
—
kHz
Sub-clock oscillation stabilization time
tSUBOSC
——
*1
s
Figure 2.11
Sub-clock oscillation stabilization waiting time
tSUBOSCWT
——
*2
s
PLLCR2.PLLEN
OSCOVFSR.PLOVF
PLL clock
tPLLWT
PLL circuit output
Sub-clock oscillator output
SOSCCR.SOSTP
tSUBOSC
Sub-clock
OSCOVFSR.SOOVF
tSUBOSCWT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com