Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDLE Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # R5F5671CDDLE
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLE Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button R5F5671CDDLE Datasheet HTML 89Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 90Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 91Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 92Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 93Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 94Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 95Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 96Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 93 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Figure 2.4
EXTAL External Clock Input Timing
Note 1. When using a main clock, ask the manufacturer of the oscillator to evaluate its oscillation. Refer to the results of evaluation
provided by the manufacturer for the oscillation stabilization time.
Note 2. The number of cycles selected by the value of the MOSCWTCR.MSTS[7:0] bits determines the main clock oscillation
stabilization waiting time in accord with the formula below.
tMAINOSCWT = [(MSTS[7:0] bits × 32) + 10] / fLOCO
Figure 2.5
Main Clock Oscillation Start Timing
Table 2.16
EXTAL Clock Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
fEXMAIN ≤ 24MHz
fEXMAIN > 24MHz
Unit
Test
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
EXTAL external clock input cycle time
tEXcyc
41.66
—
—
33.33
—
—
ns
Figure 2.4
EXTAL external clock input frequency
fEXMAIN
——
24
——
30
MHz
EXTAL external clock input high pulse width
tEXH
15.83
—
—
13.33
—
—
ns
EXTAL external clock input low pulse width
tEXL
15.83
—
—
13.33
—
—
ns
EXTAL external clock rising time
tEXr
——
5
——
5
ns
EXTAL external clock falling time
tEXf
——
5
——
5
ns
Table 2.17
Main Clock Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Main clock oscillation frequency
fMAIN
8—
24
MHz
Main clock oscillator stabilization time (crystal)
tMAINOSC
——
—*1
ms
Figure 2.5
Main clock oscillation stabilization waiting time (crystal)
tMAINOSCWT
——
—*2
ms
tEXH
tEXcyc
EXTAL external clock input
0.5 × VCC
tEXL
tEXr
tEXf
Main clock oscillator output
MOSCCR.MOSTP
tMAINOSC
Main clock
tMAINOSCWT
OSCOVFSR.MOOVF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com