| Electronic Components Datasheet Search |
|
R5F5671CDDLE Datasheet(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDLE Datasheet(HTML) 23 Page - Renesas Technology Corp |
|
23 / 179 page ![]() RX671 Group 1. Overview R01DS0373EJ0120 Rev.1.20 Page 23 of 179 Sep 30, 2024 Serial communications interface (RSCI) Asynchronous mode/clock synchronous mode SCK010, SCK011 I/O Input/output pins for the clock RXD010, RXD011 Input Input pins for received data TXD010, TXD011 Output Output pins for transmitted data CTS010#, CTS011# Input Input pins for controlling the start of transmission and reception RTS010#, RTS011# Output Output pins for controlling the start of transmission and reception DE010, DE011 Output DriveEnable output pins Simple I2C mode SSCL010, SSCL011 I/O Input/output pins for the I2C clock SSDA010, SSDA011 I/O Input/output pins for the I2C data Simple SPI mode SCK010, SCK011 I/O Input/output pins for the clock SMISO010, SMISO011 I/O Input/output pins for slave transmission of data SMOSI010, SMOSI011 I/O Input/output pins for master transmission of data SS010#, SS011# Input Chip-select input pins HBS support mode RXD010, RXD011 Input Input pin for received data TXD010, TXD011, TXDA011, TXDB011 Output Output pins for transmitted data I2C bus interface SCL0[FM+], SCL1, SCL2, SCL2-DS I/O Input/output pins for clocks. Bus can be directly driven by the N-channel open drain SDA0[FM+], SDA1, SDA2, SDA2-DS I/O Input/output pins for data. Bus can be directly driven by the N-channel open drain Hi-speed I2C bus interface (RIICHS) SCLHS0[FM+/HS] I/O Input/output pin for clocks. Bus can be directly driven by the N-channel open drain SDAHS0[FM+/HS] I/O Input/output pin for data. Bus can be directly driven by the N-channel open drain USB 2.0 host/function module VCC_USB Input Power supply pin VSS_USB Input Ground pin USB0_DP, USB1_DP I/O Input or output USB transceiver D+ data. USB0_DM, USB1_DM I/O Input or output USB transceiver D- data. USB0_EXICEN, USB1_EXICEN Output Connect to the OTG power IC. USB0_ID, USB1_ID Input Connect to the OTG power IC. USB0_VBUSEN, USB1_VBUSEN Output USB VBUS power enable pins USB0_OVRCURA/ USB0_OVRCURB, USB1_OVRCURA/ USB1_OVRCURB Input USB overcurrent pins USB0_VBUS, USB1_VBUS Input USB cable connection/disconnection detection input pins CAN module CRX0, CRX1, CRX1-DS Input Input pins CTX0, CTX1 Output Output pins Table 1.4 Pin Functions (5/8) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |