Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDLE Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # R5F5671CDDLE
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLE Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button R5F5671CDDLE Datasheet HTML 98Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 99Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 100Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 101Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 102Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 103Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 104Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 105Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 102 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.4.5
Bus Timing
Table 2.26
Bus Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
ICLK = PCLKA = 8 to 120 MHz, PCLKB = BCLK = SDCLK = 8 to 60 MHz, Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the drive capacity control register.
Item
Symbol
Min.
Max.
Unit
Test Conditions
Address delay time
tAD
—
12.5
ns
Figure 2.17 to
Figure 2.22
Byte control delay time
tBCD
—
12.5
ns
CS# delay time
tCSD
—
12.5
ns
ALE delay time
tALED
—
12.5
ns
RD# delay time
tRSD
—
12.5
ns
Read data setup time
tRDS
12.5
—
ns
Read data hold time
tRDH
0—
ns
WR# delay time
tWRD
—
12.5
ns
Write data delay time
tWDD
—
12.5
ns
Write data hold time
tWDH
0—
ns
WAIT# setup time
tWTS
12.5
—
ns
Figure 2.23
WAIT# hold time
tWTH
0—
ns
Address delay time 2 (SDRAM)
tAD2
1
12.5
ns
Figure 2.24 to
Figure 2.30
CS# delay time 2 (SDRAM)
tCSD2
1
12.5
ns
DQM delay time (SDRAM)
tDQMD
1
12.5
ns
CKE delay time (SDRAM)
tCKED
1
12.5
ns
Read data setup time 2 (SDRAM)
tRDS2
10
—
ns
Read data hold time 2 (SDRAM)
tRDH2
0—
ns
Write data delay time 2 (SDRAM)
tWDD2
—
12.5
ns
Write data hold time 2 (SDRAM)
tWDH2
1—
ns
WE# delay time (SDRAM)
tWED
1
12.5
ns
RAS# delay time (SDRAM)
tRASD
1
12.5
ns
CAS# delay time (SDRAM)
tCASD
1
12.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com