Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021E Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 53Page - Renesas Technology Corp AT45DB021E Datasheet HTML 54Page - Renesas Technology Corp AT45DB021E Datasheet HTML 55Page - Renesas Technology Corp AT45DB021E Datasheet HTML 56Page - Renesas Technology Corp AT45DB021E Datasheet HTML 57Page - Renesas Technology Corp AT45DB021E Datasheet HTML 58Page - Renesas Technology Corp AT45DB021E Datasheet HTML 59Page - Renesas Technology Corp AT45DB021E Datasheet HTML 60Page - Renesas Technology Corp AT45DB021E Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 57
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
Figure 42. Buffer Read (Opcode D4h)
Figure 43. Buffer Read – Low Frequency (Opcode D1h)
Figure 44. Read Sector Protection Register (Opcode 32h)
Figure 45. Read Sector Lockdown Register (Opcode 35h)
SCK
CS
SI
SO
MSB
MSB
23
1
0
11010100
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
Opcode
XXXX
AAA
XX
MSB
XXXXXXXX
MSB
MSB
DDDDDDDD
D
D
Address Bits
Binary Page Size = 16 Dummy Bits + BFA7-BFA0
Standard DataFlash Page Size =
15 Dummy Bits + BFA8-BFA0
Dummy Bits
Data Byte 1
High-impedance
SCK
CS
SI
SO
MSB
MSB
23
1
0
11010001
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
Opcode
XXXX
AAA
XX
MSB
MSB
DDDDDDDD
D
D
Data Byte 1
High-Impedance
Address Bits
Binary Page Size = 16 Dummy Bits + BFA7-BFA0
Standard DataFlash Page Size =
15 Dummy Bits + BA8-BFA0
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110010
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
Opcode
XXXX
XXX
XX
MSB
MSB
DDDDDDD
D
D
Dummy Bits
Data Byte 1
High-Impedance
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110101
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
Opcode
XXXX
XXX
XX
MSB
MSB
DDDDDDD
D
D
Dummy Bits
Data Byte 1
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com