Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021E Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 54Page - Renesas Technology Corp AT45DB021E Datasheet HTML 55Page - Renesas Technology Corp AT45DB021E Datasheet HTML 56Page - Renesas Technology Corp AT45DB021E Datasheet HTML 57Page - Renesas Technology Corp AT45DB021E Datasheet HTML 58Page - Renesas Technology Corp AT45DB021E Datasheet HTML 59Page - Renesas Technology Corp AT45DB021E Datasheet HTML 60Page - Renesas Technology Corp AT45DB021E Datasheet HTML 61Page - Renesas Technology Corp AT45DB021E Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 58
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
Figure 46. Read Security Register (Opcode 77h)
Figure 47. Status Register Read (Opcode D7h)
Figure 48. Manufacturer and Device Read (Opcode 9Fh)
SCK
CS
SI
SO
MSB
MSB
23
1
0
01110111
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
Opcode
XXXX
XXX
XX
MSB
MSB
DDDDDDD
D
D
Dummy Bits
Data Byte 1
High-Impedance
SCK
CS
SI
SO
MSB
23
1
0
11010111
67
5
410 11
9
812
21 22
17
20
19
18
15 16
13 14
23 24
Opcode
MSB
MSB
DDDDDD
DD
D
D
MSB
DDDDDD
D
D
Status Register Data
Status Register Data
High-Impedance
SCK
CS
SI
SO
6
0
9Fh
8
7
47
Opcode
1Fh
00h
01h
00h
Manufacturer ID
Device ID
Byte 1
Device ID
Byte 2
EDI
String Length
EDI
Data Byte 1
High-Impedance
14
16
15
22
24
23
38
40
39
30
32
31
Note: Each transition
shown for SI and SO represents one byte (eight bits)
23h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com