Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021E Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 23Page - Renesas Technology Corp AT45DB021E Datasheet HTML 24Page - Renesas Technology Corp AT45DB021E Datasheet HTML 25Page - Renesas Technology Corp AT45DB021E Datasheet HTML 26Page - Renesas Technology Corp AT45DB021E Datasheet HTML 27Page - Renesas Technology Corp AT45DB021E Datasheet HTML 28Page - Renesas Technology Corp AT45DB021E Datasheet HTML 29Page - Renesas Technology Corp AT45DB021E Datasheet HTML 30Page - Renesas Technology Corp AT45DB021E Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 27
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
10.1.1
Read Sector Lockdown Register
The nonvolatile Sector Lockdown Register specifies which sectors in the main memory are currently unlocked or
have been permanently locked down. The Sector Lockdown Register is a read-only register and contains eight
bytes of data which correspond to Sectors 0 through 7. To read the Sector Lockdown Register, an opcode of 35h
must be clocked into the device followed by three dummy bytes. After the last bit of the opcode and dummy bytes
have been clocked in, the data for the contents of the Sector Lockdown Register are clocked out on the SO pin.
The first byte (byte location 0) corresponds to Sector 0 (0a and 0b), the second byte corresponds to Sector 1, and
the last byte (byte location 7) corresponds to Sector 7. After the last byte of the Sector Lockdown Register has
been read, additional pulses on the SCK pin result in undefined data being output on the SO pin.
Deasserting the CS pin terminates the Read Sector Lockdown Register operation and put the SO pin into a high-
impedance state. Table 14 details the format the Sector Lockdown Register.
Table 14. Sector Lockdown Register
Table 15. Sector 0 (0a and 0b) Sector Lockdown Register Byte Value
Table 16. Read Sector Lockdown Register Command
Figure 12. Read Sector Lockdown Register
Sector Number
0 (0a, 0b)
1 to 7
Locked
See Table 15
FFh
Unlocked
00h
Bit 7:6
Bit 5:4
Bit 3:2
Bit 1:0
Data Value
Sector 0a
(Page 0-7)
Sector 0b
(Page 8-127)
N/A
N/A
Sectors 0a and 0b Unlocked
00
00
00
00
00h
Sector 0a Locked
11
00
00
00
C0h
Sector 0b Locked
00
11
00
00
30h
Sectors 0a and 0b Locked
11
11
00
00
F0h
Command
Byte 1
Byte 2
Byte 3
Byte 4
Read Sector Lockdown Register
35h
XXh
XXh
XXh
35h
XX
XX
XX
Data
n
Data
n + 1
CS
SI
SO
Each transition represents eight bits
Data
n + 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com