Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021E Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 7Page - Renesas Technology Corp AT45DB021E Datasheet HTML 8Page - Renesas Technology Corp AT45DB021E Datasheet HTML 9Page - Renesas Technology Corp AT45DB021E Datasheet HTML 10Page - Renesas Technology Corp AT45DB021E Datasheet HTML 11Page - Renesas Technology Corp AT45DB021E Datasheet HTML 12Page - Renesas Technology Corp AT45DB021E Datasheet HTML 13Page - Renesas Technology Corp AT45DB021E Datasheet HTML 14Page - Renesas Technology Corp AT45DB021E Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 11
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
5.
Device Operation
The device operation is controlled by instructions from the host processor. The list of instructions and their
associated opcodes are contained in Table 17 on page 41 through Table on page 42. A valid instruction starts with
the falling edge of CS followed by the appropriate 8-bit opcode and the Buffer or main memory address location.
While the CS pin is low, toggling the SCK pin controls the loading of the opcode and the Buffer or main memory
address location through the SI (Serial Input) pin. All instructions, addresses, and data are transferred with the
Most Significant Bit (MSB) first.
Three address bytes are used to address memory locations in either the main memory array or in the Buffer. The
three address bytes are comprised of a number of dummy bits and a number of actual device address bits, with
the number of dummy bits varying depending on the operation being performed and the selected device page
size. Buffer addressing for the standard DataFlash page size (264 bytes) is referenced in the datasheet using the
terminology BFA8 - BFA0 to denote the nine address bits required to designate a byte address within the Buffer.
The main memory addressing is referenced using the terminology PA9 - PA0 and BA8 - BA0, where PA9 - PA0
denotes the 10 address bits required to designate a page address, and BA8 - BA0 denotes the nine address bits
required to designate a byte address within the page. Therefore, when using the standard DataFlash page size, a
total of 22 address bits are used.
For the “power of 2” binary page size (256 bytes), the Buffer addressing is referenced in the datasheet using the
conventional terminology BFA7 - BFA0 to denote the eight address bits required to designate a byte address
within the Buffer. Main memory addressing is referenced using the terminology A17 - A0, where A17 - A8 denotes
the 10 address bits required to designate a page address, and A7 - A0 denotes the eight address bits required to
designate a byte address within a page. Therefore, when using the binary page size, a total of 21 address bits are
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com