Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021E Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 57Page - Renesas Technology Corp AT45DB021E Datasheet HTML 58Page - Renesas Technology Corp AT45DB021E Datasheet HTML 59Page - Renesas Technology Corp AT45DB021E Datasheet HTML 60Page - Renesas Technology Corp AT45DB021E Datasheet HTML 61Page - Renesas Technology Corp AT45DB021E Datasheet HTML 62Page - Renesas Technology Corp AT45DB021E Datasheet HTML 63Page - Renesas Technology Corp AT45DB021E Datasheet HTML 64Page - Renesas Technology Corp AT45DB021E Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 61
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
Figure 51. Algorithm for Programming or Re-programming of the Entire Array Randomly
1. To preserve data integrity, each page of an DataFlash sector must be updated/rewritten at least once within
every 50,000 cumulative page erase and program operations.
2. A page address pointer must be maintained to indicate which page is to be rewritten. The auto page rewrite
command must use the address specified by the page address pointer
3. Other algorithms can be used to rewrite portions of the Flash array. Low-power applications can choose to wait
until 50,000 cumulative page erase and program operations have accumulated before rewriting all pages of the
sector.
START
Main Memory Page
to Buffer Transfer
(53h)
Increment Page
Address Pointer
(2)
Auto Page Rewrite
(2)
(58h)
END
Provide Address of
Page to Modify
If planning to modify multiple
bytes currently stored within
a page of the Flash array
Main Memory Page Program
through Buffer
(82h)
Buffer Write
(84h)
Buffer to Main
Memory Page Program
(83h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com