Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021E Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 58Page - Renesas Technology Corp AT45DB021E Datasheet HTML 59Page - Renesas Technology Corp AT45DB021E Datasheet HTML 60Page - Renesas Technology Corp AT45DB021E Datasheet HTML 61Page - Renesas Technology Corp AT45DB021E Datasheet HTML 62Page - Renesas Technology Corp AT45DB021E Datasheet HTML 63Page - Renesas Technology Corp AT45DB021E Datasheet HTML 64Page - Renesas Technology Corp AT45DB021E Datasheet HTML 65Page - Renesas Technology Corp AT45DB021E Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 62
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
29. Ordering Information
1. The shipping carrier suffix is not marked on the device.
2. Contact Renesas Electronics for mechanical drawing or Die Sales information.
Ordering Code
Package
Page Size
Option
Lead
Finish
Operating
Voltage
Operating
Range
AT45DB021E-SSHN-B [1]
8-lead, 150-mil Wide, Plastic Gull
Wing Small Outline Pkg (JEDEC
SOIC)
264 bytes/page
NiPdAu
1.65 V to 3.6 V
Industrial
(-40
C
to
+85
C)
AT45DB021E-SSHN-T [1]
AT45DB021E-SSHN2B-T[1]
256 bytes/page
AT45DB021E-SSHNHA-T[1]
264 bytes/page
AT45DB021E-SSHNHC-T[1]
256 bytes/page
AT45DB021E-SHN-B [1]
8-lead 208-mil wide, Plastic Gull
Wing Small Outline (EIAJ SOIC)
264 bytes/page
AT45DB021E-SHN-T [1]
AT45DB021E-SHN2B-T[1]
256 bytes/page
AT45DB021E-SHNHA-T[1]
264 bytes/page
AT45DB021E-SHNHC-T[1]
256 bytes/page
AT45DB021E-MHN-Y [1]
8-pad (5 x 6 x 0.6 mm body),
Thermally Enhanced Plastic Ultra
Thin Dual Flat No-lead (UDFN)
264 bytes/page
AT45DB021E-MHN-T [1]
AT45DB021E-MHN2B-T[1]
256 bytes/page
AT45DB021E-UUN-T [1]
8-ball Wafer Level Chip Scale
Package
264 bytes/page
Sn Alloy
AT45DB021E-UUN2B-T [1]
256 bytes/page
AT45DB021E-DWF[2]
Die in Wafer Form
264 bytes/page
N/A
Device Grade
H = Green, NiPdAu lead finish,
U = Green, Matte Sn or Sn Alloy
Designator
Product Family
Device Density
Device Generation
Shipping Carrier Option
Package Option
021 = 2-Mbit
45DB = DataFlash
B = Bulk (tubes)
T = Tape and reel
Y = Trays
Operating Voltage
N = 1.65 V to 3.6 V
SS = 8-lead, 150-mil narrow SOIC
S
= 8-lead, 208-mil wide SOIC
M = 8-pad, 5 x 6 x 0.6 mm UDFN
U = 8-ball WLCSP
DWF = Die in Wafer Form
A T45DB021E-SSHN2B-B
Page Size Option
blank = Standard (264 bytes/page)
2B
= Binary (256 bytes/page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com