Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XS2F-M12PVC4A2M Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # XS2F-M12PVC4A2M
Description  E2EL-X8E1-DS 2M
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-M12PVC4A2M Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button XS2F-M12PVC4A2M Datasheet HTML 11Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 12Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 13Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 14Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 15Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 16Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 17Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 18Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
E2EW Series
15
Single distance model/
Spatter-resistant Single distance model
Shielded
Size: M12 E2EW-(Q)X212
Size: M18 E2EW-(Q)X518
Size: M30 E2EW-(Q)X1030
BASIC Model
0
5
10
15
20
Iron
Brass
Aluminum
Stainless steel
(SUS304)
Copper
Thickness of sensing object: t (mm)
t
X
Sensing object size:
12 × 12 mm
0
1
2
3
t
X
Sensing object size: 18 × 18 mm
0
5
10
15
20
Iron
Stainless steel
(SUS304)
Aluminum
Brass
Thickness of sensing object: t (mm)
0
4
3
2
1
5
6
7
8
0
5
10
15
20
Aluminum
Brass
Stainless steel
(SUS304)
Iron
Thickness of sensing object: t (mm)
t
X
Sensing object size: 30 × 30 mm
0
2
4
6
8
10
12
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com