Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XS2F-M12PVC4A2M Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # XS2F-M12PVC4A2M
Description  E2EL-X8E1-DS 2M
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-M12PVC4A2M Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button XS2F-M12PVC4A2M Datasheet HTML 19Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 20Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 21Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 22Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 23Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 24Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 25Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 26Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
E2EW Series
23
Safety Precautions
Be sure to read the precautions for all models in the website at: http://www.automation.omron.com/.
Warning Indications
Meaning of Product Safety Symbols
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Otherwise, explosion may result.
Never use the product with an AC power supply.
The following precautions must be observed to ensure safe operation.
1. Do not use the product in environments subject to flammable or
explosive gases.
2. Do not attempt to disassemble, repair, or modify the product.
3. Do not use a voltage that exceeds the rated operating voltage
range.
Applying a voltage that is higher than the operating voltage range
may result in explosion or fire.
4. Be sure that the power supply polarity and other wiring is correct.
Incorrect wiring may cause explosion or fire.
5. If the power supply is connected directly without a load, the
internal elements may explode or burn.
6. Dispose of the product according to applicable regulations (laws).
Do not use the product in any atmosphere or environment that
exceeds the ratings.
Operating Environment
1. Do not install the Sensor in the following locations.
(1) Outdoor locations directly subject to sunlight, rain, snow,
waterdroplets, or oil.
(2) Locations subject to atmospheres with chemical vapors,
inparticular solvents and acids.
(3) Locations subject to corrosive gases.
2. The Sensor may malfunction if used near ultrasonic cleaning
equipment, high-frequency equipment, transceivers, cellular
phones, inverters, or other devices that generate a high-frequency
electric field. Please refer to the Precautions for Correct Use on
the OMRON website (www.ia.omron.com) for typical measures.
3. Laying the Proximity Sensor wiring in the same conduit or duct as
high-voltage wires or power lines may result in incorrect operation
and damage due to induction. Wire the Sensor using a separate
conduit or independent conduit.
4. Never use thinner or other solvents. Otherwise, the Sensor
surface may be dissolved.
5. When turning on the power by influence of temperature
environment, an outputmis-pulse sometimes occurs. After the
sensor has passed for 300 msec after turning on, please use in the
stable state.
6. The sensor is adjusted with a high degree of accuracy, so do not
use in the environment with sudden temperature change.
7. Operation check is performed using an OMRON's IO-Link master.
If using an IO-Link master from another company, perform the
operation check in advance.
8. When connecting non IO-Link compliant models to the IO-Link
master, use the SIO mode.
9. In the IO-Link mode, the cord between the IO-Link master and
sensor must have a length of 20 m or less.
10.The Sensor cannot be used embedded in where pressure is
constantly applied to the sensing surface, such as hydraulic
cylinders and hydraulic valves.
Warning level
Indicates a potentially hazardous situation
which, if not avoided, will result in minor or
moderate injury, or may result in serious
injury or death. Additionally there may be
significant property damage.
Precautions
for Safe Use
Supplementary comments on what to do or
avoid doing, to use the product safely.
Precautions
for Correct
Use
Supplementary comments on what to do or
avoid doing, to prevent failure to operate,
malfunction or undesirable effect on product
performance.
General prohibition
Indicates the instructions of unspecified
prohibited action.
Caution, explosion
Indicates the possibility of explosion under
specific conditions.
WARNING
Precautions for Safe Use
WARNING
Precautions for Correct Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com