Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XS2F-M12PVC4A2M Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # XS2F-M12PVC4A2M
Description  E2EL-X8E1-DS 2M
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-M12PVC4A2M Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button XS2F-M12PVC4A2M Datasheet HTML 15Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 16Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 17Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 18Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 19Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 20Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 21Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 22Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
E2EW Series
19
DC 3-wire
PNP output
Connector Pin Arrangement
Operation
mode
Model
Timing chart
Output circuit
NO
E2EW-(Q)XB1
NC
E2EW-(Q)XB2
NO+NC
E2EW-(Q)XB3
M12 Connector
M12 Smartclick Connector
BASIC Model
Sensing
object
(%)
100
0
Nonsensing
area
Rated Sensing distance
Stable
sensing area
ProximitySensor
Operation indicator
(orange)
ON
OFF
ON
OFF
Control output
OUT
0V
Proximity
sensor
main
circuit
Brown (1)
DC10 to 30V
+V
Load
Blue (3)
Black (4)
Sensing
object
(%)
100
0
Nonsensing
area
Rated Sensing distance
Stable
sensing area
ProximitySensor
ON
OFF
Control output
ON
OFF
Operation indicator
(orange)
OUT
0V
Brown (1)
DC10 to 30V
+V
Load
Blue (3)
Black (2)
Proximity
sensor
main
circuit
Sensing
object
(%)
100
0
Nonsensing
area
Rated Sensing distance
Stable
sensing area
ProximitySensor
ON
OFF
ON
OFF
Control output 1
Control output 2
ON
OFF
Operation indicator
(orange)
OUT1
OUT2
0V
Load
Load
Brown (1)
Black (4)
DC10 to 30V
+V
Blue (3)
Proximity
sensor
main
circuit
White (2)
1
4
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com