Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XS2F-M12PVC4A2M Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # XS2F-M12PVC4A2M
Description  E2EL-X8E1-DS 2M
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-M12PVC4A2M Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button XS2F-M12PVC4A2M Datasheet HTML 20Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 21Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 22Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 23Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 24Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 25Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 26Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 27Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 28Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
E2EW Series
26
Dimensions
Sensors
E2EW/E2EW-Q Series
(Quadruple distance/Triple distance/Spatter-resistant Quadruple distance,
Spatter-resistant Triple distance model)
(Unit: mm)
Tolerance class IT16 applies to dimensions in this data sheet unless otherwise specified.
PREMIUM Model
Pre-wired Model/
Pre-wired Connector Model
M12 Connector Model
C
B
A
DE
(Operation mode):
Output configuration (B1, C1): NO
(B2, C2): NC
Vinyl-insulated round cable with
3 conductors size: 6-dia.
(Conductor cross section: 0.3 mm2 (AWG24),
Insulator diameter: 1.05 mm),
Standard length: 2 m
(Operation mode):
Output configuration (B3, C3): NO+NC
Vinyl-insulated round cable with
4 conductors size: 6-dia.
(Conductor cross section: 0.3 mm2 (AWG24),
Insulator diameter: 1.05 mm),
Standard length: 2 m
Toothed washer
M12×P1
Pre-wired Model
Pre-wired Connector Model (M1TJ)
Two clamping nuts
F
G
* Models with IO-Link only.
Indicators
Standard I/O mode (SIO mode):
Operation indicator (orange/ON),
communication indicator (green/OFF)
IO-Link Communication mode
(COM mode):
Operation indicator (orange/ON),
comunication indicator
(green/Flashing (1sec cycle)*
(Operation mode):
Output configuration (B1, C1): NO
(B2, C2): NC
Vinyl-insulated round cable with
3 conductors size: 6-dia.
(Conductor cross section: 0.3 mm2 (AWG24),
Insulator diameter: 1.05 mm),
Standard length:0.3 m
(Operation mode):
Output configuration (B3, C3): NO+NC
Vinyl-insulated round cable with
4 conductors size: 6-dia.
(Conductor cross section: 0.3 mm2 (AWG24),
Insulator diameter: 1.05 mm),
Standard length: 0.3 m
Models
Model
A
B
C
D
E
F
G
Quadruple
distance
model
E2EW-(Q)X7
12(-M1TJ)
M12P1
41.5 30
4
10 21 dia. 17
E2EW-(Q)X12
18(-M1TJ)
M18P1
41.5 30
4
13 29 dia. 24
E2EW-(Q)X22
30(-M1TJ)
M30P1.5 41.5 30
5
13 42 dia. 36
Triple
distance
model
E2EW-(Q)X6
12(-M1TJ)
M12P1
41.5 30
4
10 21 dia. 17
E2EW-(Q)X10
18(-M1TJ)
M18P1
41.5 30
4
13 29 dia. 24
E2EW-(Q)X20
30(-M1TJ)
M30P1.5 41.5 30
5
13 42 dia. 36
C
B
D
F
E
A
* Models with IO-Link only.
Indicators
Standard I/O mode (SIO mode):
Operation indicator (orange/ON),
communication indicator (green/OFF)
IO-Link Communication mode
(COM mode):
Operation indicator (orange/ON),
comunication indicator
(green/Flashing (1sec cycle)*
M12×P1
G
H
Toothed washer
Two clamping nuts
Models
Model
A
B
C D E
F
G
H
Quadruple
distance
model
E2EW-(Q)
X712-M1
M12P1
54.4 --- 4 28 8 21 dia. 17
E2EW-(Q)
X1218-
M1
M18P1
54.4 32 4 28 11 29 dia. 24
E2EW-(Q)
X2230-
M1
M30P1.5 54.4 32 5 28 11 42 dia. 36
Triple
distance
model
E2EW-(Q)
X612-M1
M12P1
54.4 --- 4 28 8 21 dia. 17
E2EW-(Q)
X1018-
M1
M18P1
54.4 32 4 28 11 29 dia. 24
E2EW-(Q)
X2030-
M1
M30P1.5 54.4 32 5 28 11 42 dia. 36
Mounting Hole Dimensions
Dimensions
F (mm)
M12
12.5 dia.
M18
18.5 dia.
M30
30.5 dia.
F
+0.5
0
+0.5
0
+0.5
0
Angle R of the Bending Wire
Dimensions
R (mm)
M12
18
M18
M30
10 mm
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com