Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XS2F-M12PVC4A2M Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # XS2F-M12PVC4A2M
Description  E2EL-X8E1-DS 2M
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-M12PVC4A2M Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button XS2F-M12PVC4A2M Datasheet HTML 20Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 21Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 22Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 23Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 24Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 25Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 26Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 27Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 28Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
E2EW Series
24
Design
Influence of Surrounding Metal
When mounting the Proximity Sensor, ensure that the minimum
distances given in the following table are maintained.
If you use a nut, only use the provided nut. And ensure that the
minimum distances between the sensing surface and nut is bigger
than the "L" given in the following table.
Other non-ferrous metals affect sensor's performance in the same
way as aluminum. Perform the operation check in advance.
(Unit: mm)
Mounting panel material: Iron
Mounting panel material: Aluminum
1. If you use the model E2EW-(Q)X2230, or E2EW-(Q)X2030,
the panel thickness (t) is 3 mm or less.
When the Proximity Sensor is mounted in metal, ensure that the
minimum distances given in the following table are maintained.
(Unit: mm)
Embedded material: Iron
*2. If the thickness of the mounting bracket (t) is less than 10 mm, be
sure to install the Sensor so that l  2, d (dia.)  30, and D  2.
Embedded material: Aluminum
Models
Model
L
d
D
m
n
Quadruple
distance model
E2EW-(Q)X712
4
30
4
28
36
E2EW-(Q)X1218
6
54
6
36
54
E2EW-(Q)X2230
8
90
8
66
90
Triple distance
model
E2EW-(Q)X612
4
30
4
24
36
E2EW-(Q)X1018
2
54
2
30
54
E2EW-(Q)X2030
0
30
0
60
90
Single distance
model
E2EW-(Q)X212
0
12
0
8
40
E2EW-(Q)X518
0
18
0
20
60
E2EW-(Q)X1030
0
30
0
40
100
Models
Model
L
d
D
m
n
Quadruple
distance model
E2EW-(Q)X712
12
70
12
28
70
E2EW-(Q)X1218
12
80
12
36
80
E2EW-(Q)X2230
16
120
16
66
120
Triple distance
model
E2EW-(Q)X612
12
70
12
24
70
E2EW-(Q)X1018
12
80
12
30
80
E2EW-(Q)X2030
16
120
16
60
120
Single distance
model
E2EW-(Q)X212
12
70
12
8
70
E2EW-(Q)X518
12
80
12
20
80
E2EW-(Q)X1030
16
120
16
40
120
*1
*1
d dia.
Models
Model
l
d
D
m
n
Quadruple
distance model
E2EW-(Q)X712
4
30
4
28
36
E2EW-(Q)X1218
6
54
6
36
54
E2EW-(Q)X2230
8
90
8
66
90
Triple distance
model
E2EW-(Q)X612
0 2
12 2
0 2
24
36
E2EW-(Q)X1018
0
18
0
30
54
E2EW-(Q)X2030
0
30
0
60
90
Single distance
model
E2EW-(Q)X212
0
12
0
8
40
E2EW-(Q)X518
0
18
0
20
60
E2EW-(Q)X1030
0
30
0
40
100
Models
Model
l
d
D
m
n
Quadruple
distance model
E2EW-(Q)X712
12
70
12
28
70
E2EW-(Q)X1218
12
80
12
36
80
E2EW-(Q)X2230
16
120
16
66
120
Triple distance
model
E2EW-(Q)X612
12
70
12
24
70
E2EW-(Q)X1018
12
80
12
30
80
E2EW-(Q)X2030
16
120
16
60
120
Single distance
model
E2EW-(Q)X212
12
70
12
8
70
E2EW-(Q)X518
12
80
12
20
80
E2EW-(Q)X1030
16
120
16
40
120
d dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com