Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G53GS Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G53GS
Description  2-channel analog multiplexer/demultiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G53GS Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC1G53GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
74LVC1G53
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 10 — 7 December 2016
4 of 27
NXP Semiconductors
74LVC1G53
2-channel analog multiplexer/demultiplexer
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Fig 5.
Pin configuration SOT996-2
Fig 6.
Pin configuration SOT902-2
Table 3.
Pin description
Symbol
Pin
Description
SOT505-2, SOT765-1, SOT833-1, SOT1089,
SOT996-2, SOT1116 and SOT1203
SOT902-2
Z
1
7
common output or input
E
2
6
enable input (active LOW)
GND
3
5
ground (0 V)
GND
4
4
ground (0 V)
S
5
3
select input
Y1
6
2
independent input or output
Y0
7
1
independent input or output
VCC
8
8
supply voltage
Table 4.
Function table[1]
Input
Channel on
S
E
L
L
Y0 to Z or Z to Y0
H
L
Y1 to Z or Z to Y1
X
H
Z (switch off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com