Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G53GS Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G53GS
Description  2-channel analog multiplexer/demultiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G53GS Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC1G53GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
74LVC1G53
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 10 — 7 December 2016
5 of 27
NXP Semiconductors
74LVC1G53
2-channel analog multiplexer/demultiplexer
8.
Limiting values
[1]
The minimum input voltage rating may be exceeded if the input current rating is observed.
[2]
The minimum and maximum switch voltage ratings may be exceeded if the switch clamping current rating is observed.
[3]
For TSSOP8 packages: above 55
C the value of P
tot derates linearly with 2.5 mW/K.
For VSSOP8 packages: above 110
C the value of P
tot derates linearly with 8.0 mW/K.
For XSON8 and XQFN8 packages: above 118
C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
[1]
To avoid sinking GND current from terminal Z when switch current flows in terminal Yn, the voltage drop across the bidirectional switch
must not exceed 0.4 V. If the switch current flows into terminal Z, no GND current will flow from terminal Yn. In this case, there is no limit
for the voltage drop across the switch.
[2]
Applies to control signal levels.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
VI
input voltage
[1]
0.5
+6.5
V
IIK
input clamping current
VI < 0.5 V or VI >VCC + 0.5 V
50
-
mA
ISK
switch clamping current
VI < 0.5 V or VI >VCC + 0.5 V
-
50
mA
VSW
switch voltage
enable and disable mode
[2]
0.5
VCC + 0.5
V
ISW
switch current
VSW > 0.5 V or VSW < VCC + 0.5 V
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 Cto+125 C
[3]
-
250
mW
Table 6.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VSW
switch voltage
enable and disable mode
[1]
0VCC
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
VCC =1.65Vto2.7V
[2]
-
20
ns/V
VCC = 2.7 V to 5.5 V
[2]
-
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com