Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G53GS Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G53GS
Description  2-channel analog multiplexer/demultiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G53GS Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G53GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
74LVC1G53
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 10 — 7 December 2016
12 of 27
NXP Semiconductors
74LVC1G53
2-channel analog multiplexer/demultiplexer
11.1 Waveforms and test circuits
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 16. Input (Yn or Z) to output (Z or Yn) propagation delays
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 17. Enable and disable times
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
1.65 V to 2.7 V
0.5
 V
CC
0.5
 V
CC
VOL +0.15V
VOH  0.15 V
2.7 V to 5.5 V
0.5
 V
CC
0.5
 V
CC
VOL +0.3 V
VOH  0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com