Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G53GS Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G53GS
Description  2-channel analog multiplexer/demultiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G53GS Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G53GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
74LVC1G53
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 10 — 7 December 2016
10 of 27
NXP Semiconductors
74LVC1G53
2-channel analog multiplexer/demultiplexer
(1) Tamb = 125 C.
(2) Tamb =85 C.
(3) Tamb =25 C.
(4) Tamb = 40 C.
(1) Tamb = 125 C.
(2) Tamb =85 C.
(3) Tamb =25 C.
(4) Tamb = 40 C.
Fig 13. ON resistance as a function of input voltage;
VCC =2.7 V
Fig 14. ON resistance as a function of input voltage;
VCC =3.3 V
(1) Tamb = 125 C.
(2) Tamb =85 C.
(3) Tamb =25 C.
(4) Tamb = 40 C.
Fig 15. ON resistance as a function of input voltage; VCC =5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com