Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G53GS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G53GS
Description  2-channel analog multiplexer/demultiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G53GS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC1G53GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
74LVC1G53
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 10 — 7 December 2016
2 of 27
NXP Semiconductors
74LVC1G53
2-channel analog multiplexer/demultiplexer
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G53DP
40 Cto +125 C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74LVC1G53DC
40 Cto +125 C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVC1G53GT
40 Cto +125 C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
 1.95  0.5 mm
SOT833-1
74LVC1G53GF
40 C to +125 C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35
 1  0.5 mm
SOT1089
74LVC1G53GD
40 Cto +125 C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 3
 2  0.5 mm
SOT996-2
74LVC1G53GM
40 C to +125 C
XQFN8
plastic, extremely thin quad flat package; no leads;
8 terminals; body 1.6
 1.6  0.5 mm
SOT902-2
74LVC1G53GN
40 C to +125 C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.2
 1.0  0.35 mm
SOT1116
74LVC1G53GS
40 C to +125 C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35
 1.0  0.35 mm
SOT1203
Table 2.
Marking codes
Type number
Marking code[1]
74LVC1G53DC
V53
74LVC1G53DP
V53
74LVC1G53GT
V53
74LVC1G53GF
V3
74LVC1G53GD
V53
74LVC1G53GM
V53
74LVC1G53GN
V3
74LVC1G53GS
V3
Fig 1.
Logic symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com