Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G53GS Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G53GS
Description  2-channel analog multiplexer/demultiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G53GS Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G53GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G53GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
74LVC1G53
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 10 — 7 December 2016
8 of 27
NXP Semiconductors
74LVC1G53
2-channel analog multiplexer/demultiplexer
[1]
Typical values are measured at Tamb = 25 C and nominal VCC.
[2]
Flatness is defined as the difference between the maximum and minimum value of ON resistance measured at identical VCC and
temperature.
10.3 ON resistance test circuit and graphs
RON(rail)
ON resistance (rail)
VI = GND; see Figure 9
ISW =4mA;
VCC = 1.65 V to 1.95 V
-8.2
18
-
27
ISW =8mA; VCC = 2.3 V to 2.7 V
-
7.1
16
-
24
ISW =12mA; VCC =2.7 V
-
6.9
14
-
21
ISW =24mA; VCC =3Vto3.6 V
-
6.5
12
-
18
ISW =32mA; VCC = 4.5 V to 5.5 V
-
5.8
10
-
15
VI =VCC; see Figure 9
ISW =4mA;
VCC = 1.65 V to 1.95 V
-
10.4
30
-
45
ISW =8mA; VCC = 2.3 V to 2.7 V
-
7.6
20
-
30
ISW =12mA; VCC =2.7 V
-
7.0
18
-
27
ISW =24mA; VCC =3Vto3.6 V
-
6.1
15
-
23
ISW =32mA; VCC = 4.5 V to 5.5 V
-
4.9
10
-
15
RON(flat)
ON resistance
(flatness)
VI =GND to VCC
[2]
ISW =4mA;
VCC = 1.65 V to 1.95 V
-26.0
-
-
-
ISW =8mA; VCC = 2.3 V to 2.7 V
-
5.0
-
-
-
ISW =12mA; VCC =2.7 V
-
3.5
-
-
-
ISW =24mA; VCC =3Vto3.6 V
-
2.0
-
-
-
ISW =32mA; VCC = 4.5 V to 5.5 V
-
1.5
-
-
-
Table 8.
ON resistance …continued
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graphs see Figure 10 to Figure 15.
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
RON = VSW / ISW.
Fig 9.
Test circuit for measuring ON resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com