| Electronic Components Datasheet Search |
|
NRF52810-QCAA-R Datasheet(PDF) 411 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QCAA-R Datasheet(HTML) 411 Page - Nordic Semiconductor |
|
411 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW CC Capture/Compare value Only the number of bits indicated by BITMODE will be used by the TIMER. 6.23 TWIM — I2C compatible two-wire interface master with EasyDMA TWI master with EasyDMA (TWIM) is a two-wire half-duplex master which can communicate with multiple slave devices connected to the same bus Listed here are the main features for TWIM: • I2C compatible • 100 kbps, 250 kbps, or 400 kbps • Support for clock stretching (non I2C compliant) • EasyDMA The two-wire interface can communicate with a bi-directional wired-AND bus with two lines (SCL, SDA). The protocol makes it possible to interconnect up to 127 individually addressable devices. TWIM is not compatible with CBUS. The GPIOs used for each two-wire interface line can be chosen from any GPIO on the device and are independently configurable. This enables great flexibility in device pinout and efficient use of board space and signal routing. SDA RXD-1 TXD+1 EasyDMA EasyDMA RXD.PTR TXD.PTR buffer[0] buffer[1] buffer[RXD.MAXCNT-1] RAM buffer[0] buffer[1] buffer[TXD.MAXCNT-1] Pin PSEL.SDA GPIO PSEL.SCK Pin TWIM TXD buffer RXD buffer SCL Figure 106: TWI master with EasyDMA 4430_161 v1.0 411 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |