Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 413 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 413 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 409Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 410Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 411Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 412Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 413Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 414Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 415Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 416Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 417Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 483 page
background image
Peripherals
1
3
2
ADDR
0
N-1
N
2
4
1
Stretch
Figure 108: TWI master writing data to a slave
The TWI master will generate a LASTTX event when it starts to transmit the last byte, this is illustrated in
TWI master writing data to a slave on page 413
The TWI master is stopped by triggering the STOP task, this task should be triggered during the
transmission of the last byte to secure that the TWI will stop as fast as possible after sending the last byte.
It is safe to use the shortcut between LASTTX and STOP to accomplish this.
Note that the TWI master does not stop by itself when the whole RAM buffer has been sent, or when an
error occurs. The STOP task must be issued, through the use of a local or PPI shortcut, or in software as
part of the error handler.
The TWI master cannot get stopped while it is suspended, so the STOP task has to be issued after the TWI
master has been resumed.
6.23.3 Master read sequence
A TWI master read sequence is started by triggering the STARTRX task. After the STARTRX task has been
triggered the TWI master will generate a start condition on the TWI bus, followed by clocking out the
address and the READ/WRITE bit set to 1 (WRITE = 0, READ = 1). The address must match the address of
the slave device that the master wants to read from. The READ/WRITE bit is followed by an ACK/NACK bit
(ACK=0 or NACK = 1) generated by the slave.
After having sent the ACK bit the TWI slave will send data to the master using the clock generated by the
master.
Data received will be stored in RAM at the address specified in the RXD.PTR register. The TWI master will
generate an ACK after all but the last byte received from the slave. The TWI master will generate a NACK
after the last byte received to indicate that the read sequence shall stop.
A typical TWI master read sequence is illustrated in The TWI master reading data from a slave on page
414. Occurrence 2 in the figure illustrates clock stretching performed by the TWI master following a
SUSPEND task.
A SUSPENDED event indicates that the SUSPEND task has taken effect; this event can be used to
synchronize the software.
The TWI master will generate a LASTRX event when it is ready to receive the last byte, this is illustrated
in The TWI master reading data from a slave on page 414. If RXD.MAXCNT > 1 the LASTRX event is
generated after sending the ACK of the previously received byte. If RXD.MAXCNT = 1 the LASTRX event is
generated after receiving the ACK following the address and READ bit.
4430_161 v1.0
413



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com