Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 414 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 414 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 410Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 411Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 412Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 413Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 414Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 415Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 416Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 417Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 418Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 483 page
background image
Peripherals
The TWI master is stopped by triggering the STOP task, this task must be triggered before the NACK bit is
supposed to be transmitted. The STOP task can be triggered at any time during the reception of the last
byte. It is safe to use the shortcut between LASTRX and STOP to accomplish this.
Note that the TWI master does not stop by itself when the RAM buffer is full, or when an error occurs. The
STOP task must be issued, through the use of a local or PPI shortcut, or in software as part of the error
handler.
The TWI master cannot get stopped while it is suspended, so the STOP task has to be issued after the TWI
master has been resumed.
1
3
2
ADDR
0
M-1
M
2
4
Stretch
1
Figure 109: The TWI master reading data from a slave
6.23.4 Master repeated start sequence
A typical repeated start sequence is one in which the TWI master writes two bytes to the slave followed by
reading four bytes from the slave. This example uses shortcuts to perform the simplest type of repeated
start sequence, i.e. one write followed by one read. The same approach can be used to perform a
repeated start sequence where the sequence is read followed by write.
The figure A repeated start sequence, where the TWI master writes two bytes followed by reading 4 bytes
from the slave on page 414 illustrates this:
1
ADDR
0
3
2
ADDR
0
1
1
2
Figure 110: A repeated start sequence, where the TWI master
writes two bytes followed by reading 4 bytes from the slave
4430_161 v1.0
414



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com