Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 312 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 312 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 308Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 309Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 310Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 311Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 312Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 313Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 314Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 315Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 316Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
C
RW ENA2
Enable or disable device address matching using device
address 2
Disabled
0
Disabled
Enabled
1
Enabled
D
RW ENA3
Enable or disable device address matching using device
address 3
Disabled
0
Disabled
Enabled
1
Enabled
E
RW ENA4
Enable or disable device address matching using device
address 4
Disabled
0
Disabled
Enabled
1
Enabled
F
RW ENA5
Enable or disable device address matching using device
address 5
Disabled
0
Disabled
Enabled
1
Enabled
G
RW ENA6
Enable or disable device address matching using device
address 6
Disabled
0
Disabled
Enabled
1
Enabled
H
RW ENA7
Enable or disable device address matching using device
address 7
Disabled
0
Disabled
Enabled
1
Enabled
I
RW TXADD0
TxAdd for device address 0
J
RW TXADD1
TxAdd for device address 1
K
RW TXADD2
TxAdd for device address 2
L
RW TXADD3
TxAdd for device address 3
M RW TXADD4
TxAdd for device address 4
N
RW TXADD5
TxAdd for device address 5
O
RW TXADD6
TxAdd for device address 6
P
RW TXADD7
TxAdd for device address 7
6.14.14.45 MODECNF0
Address offset: 0x650
Radio mode configuration register 0
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
C C
A
Reset 0x00000200
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW RU
Radio ramp-up time
Default
0
Default ramp-up time (tRXEN), compatible with firmware
written for nRF51
Fast
1
Fast ramp-up (tRXEN,FAST), see electrical specification for
more information
4430_161 v1.0
312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com