Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 314 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 314 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 310Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 311Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 312Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 313Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 314Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 315Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 316Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 317Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 318Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 483 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
ITX,0dBM,DCDC
TX only run current (DCDC, 3V)PRF = 0dBm
4.6
mA
ITX,0dBM
TX only run current PRF = 0dBm
10.1
mA
ITX,MINUS4dBM,DCDC TX only run current DCDC, 3V PRF = -4dBm
3.6
mA
ITX,MINUS4dBM
TX only run current PRF = -4 dBm
7.8
mA
ITX,MINUS8dBM,DCDC TX only run current DCDC, 3V PRF = -8 dBm
3.2
mA
ITX,MINUS8dBM
TX only run current PRF = -8 dBm
6.8
mA
ITX,MINUS12dBM,DCDC TX only run current DCDC, 3V PRF = -12 dBm
2.9
mA
ITX,MINUS12dBM
TX only run current PRF = -12 dBm
6.2
mA
ITX,MINUS16dBM,DCDC TX only run current DCDC, 3V PRF = -16 dBm
2.7
mA
ITX,MINUS16dBM
TX only run current PRF = -16 dBm
5.7
mA
ITX,MINUS20dBM,DCDC TX only run current DCDC, 3V PRF = -20 dBm
2.5
mA
ITX,MINUS20dBM
TX only run current PRF = -20 dBm
5.4
mA
ITX,MINUS40dBM,DCDC TX only run current DCDC, 3V PRF = -40 dBm
2.1
mA
ITX,MINUS40dBM
TX only run current PRF = -40 dBm
4.3
mA
6.14.15.3 Radio current consumption (Receiver)
Symbol
Description
Min.
Typ.
Max.
Units
IRX,1M,DCDC
RX only run current (DCDC, 3V) 1 Mbps / 1 Mbps BLE
4.6
mA
IRX,1M
RX only run current 1 Mbps / 1 Mbps BLE
10.0
mA
IRX,2M,DCDC
RX only run current (DCDC, 3V) 2 Mbps
5.2
mA
IRX,2M
RX only run current 2 Mbps
11.2
mA
ISTART,RX,1M,DCDC
RX start-up current (DCDC 3V) 1 Mbps / 1 Mbps BLE
3.5
mA
ISTART,RX,1M
RX start-up current 1 Mbps / 1 Mbps BLE
6.7
mA
6.14.15.4 Transmitter specification
Symbol
Description
Min.
Typ.
Max.
Units
PRF
Maximum output power
4
8
dBm
PRFC
RF power control range
24
dB
PRFCR
RF power accuracy
±4
dB
PRF1,1
1st Adjacent Channel Transmit Power 1 MHz (1 Mbps)
-25
dBc
PRF2,1
2nd Adjacent Channel Transmit Power 2 MHz (1 Mbps)
-50
dBc
PRF1,2
1st Adjacent Channel Transmit Power 2 MHz (2 Mbps)
-25
dBc
PRF2,2
2nd Adjacent Channel Transmit Power 4 MHz (2 Mbps)
-50
dBc
4430_161 v1.0
314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com