Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 315 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 315 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 311Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 312Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 313Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 314Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 315Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 316Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 317Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 318Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 319Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 483 page
background image
Peripherals
3
3.5
4
4.5
5
5.5
6
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Supply voltage [V]
-40 ºC
25 ºC
85 ºC
Figure 71: Output power, 1 Mbps Bluetooth low energy mode, 4 dBm TXPOWER setting (typical values)
-1
-0.5
0
0.5
1
1.5
2
2.5
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Supply voltage [V]
-40 ºC
25 ºC
85 ºC
Figure 72: Output power, 1 Mbps Bluetooth low energy mode, 0 dBm TXPOWER setting (typical values)
6.14.15.5 Receiver operation
Symbol
Description
Min.
Typ.
Max.
Units
PRX,MAX
Maximum received signal strength at < 0.1% BER
0
dBm
4430_161 v1.0
315



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com