Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 317 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 317 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 313Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 314Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 315Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 316Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 317Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 318Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 319Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 320Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 321Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 483 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
C/I1M,+3MHz
1 Mbps mode, Adjacent (+3 MHz) interference
-48
dB
C/I1M,±6MHz
1 Mbps mode, Adjacent (≥6 MHz) interference
-50
dB
C/I1MBLE,co-channel
1 Mbps BLE mode, Co-Channel interference
6
dB
C/I1MBLE,-1MHz
1 Mbps BLE mode, Adjacent (-1 MHz) interference
-2
dB
C/I1MBLE,+1MHz
1 Mbps BLE mode, Adjacent (+1 MHz) interference
-9
dB
C/I1MBLE,-2MHz
1 Mbps BLE mode, Adjacent (-2 MHz) interference
-22
dB
C/I1MBLE,+2MHz
1 Mbps BLE mode, Adjacent (+2 MHz) interference
-46
dB
C/I1MBLE,>3MHz
1 Mbps BLE mode, Adjacent (≥3 MHz) interference
-50
dB
C/I1MBLE,image
Image frequency Interference
-22
dB
C/I1MBLE,image,1MHz Adjacent (1 MHz) interference to in-band image frequency
-35
dB
C/I2M,co-channel
2 Mbps mode, Co-Channel interference
2-C0
dB
C/I2M,-2MHz
2 Mbps mode, Adjacent (-2 MHz) interference
6
dB
C/I2M,+2MHz
2 Mbps mode, Adjacent (+2 MHz) interference
-14
dB
C/I2M,-4MHz
2 Mbps mode, Adjacent (-4 MHz) interference
-20
dB
C/I2M,+4MHz
2 Mbps mode, Adjacent (+4 MHz) interference
-44
dB
C/I2M,-6MHz
2 Mbps mode, Adjacent (-6 MHz) interference
-42
dB
C/I2M,+6MHz
2 Mbps mode, Adjacent (+6 MHz) interference
-47
dB
C/I2M,≥12MHz
2 Mbps mode, Adjacent (≥12 MHz) interference
-52
dB
6.14.15.7 RX intermodulation
RX intermodulation20
Symbol
Description
Min.
Typ.
Max.
Units
PIMD,5TH,1M
IMD performance, 1 Msps, 5th offset channel, Packet length
<= 37 bytes
-33
dBm
PIMD,5TH,1M,BLE
IMD performance, BLE 1 Msps, 5th offset channel, Packet
length <= 37 bytes
-30
dBm
PIMD,5TH,2M
IMD performance, 2 Msps, 5th offset channel, Packet length
<= 37 bytes
-33
dBm
PIMD,5TH,2M,BLE
IMD performance, BLE 2 Msps, 5th offset channel, Packet
length <= 37 bytes
-31
dBm
6.14.15.8 Radio timing
Symbol
Description
Min.
Typ.
Max.
Units
tTXEN
Time between TXEN task and READY event after channel
FREQUENCY configured. Compatible with old devices.
140
us
tTXEN,FAST
Time between TXEN task and READY event after channel
FREQUENCY configured (Fast Mode)
40
us
tTXDISABLE
Time between DISABLE task and DISABLED event when the
radio was in TX and mode is set to 1 Mbps
6
us
tTXDISABLE,2M
Time between DISABLE task and DISABLED event when the
radio was in TX and mode is set to 2 Mbps
4
us
tRXEN
Time between the RXEN task and READY event after channel
FREQUENCY configured in default mode. Compatible with
old devices.
140
us
20 Wanted signal level at PIN = -64 dBm. Two interferers with equal input power are used. The interferer
closest in frequency is not modulated, the other interferer is modulated equal with the wanted
signal. The input power of the interferers where the sensitivity equals BER = 0.1% is presented.
4430_161 v1.0
317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com